전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC2745T 데이터시트(PDF) 4 Page - NEC

부품명 UPC2745T
상세설명  3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC2745T 데이터시트(HTML) 4 Page - NEC

  UPC2745T Datasheet HTML 1Page - NEC UPC2745T Datasheet HTML 2Page - NEC UPC2745T Datasheet HTML 3Page - NEC UPC2745T Datasheet HTML 4Page - NEC UPC2745T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPC2745T
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.267
-2.0
4.22
-5.2
0.003
92.2
0.611
-4.1
23.00
12.5
0.2
0.277
-5.5
4.23
-11.9
0.006
82.3
0.597
-9.2
11.71
12.5
0.3
0.278
-9.3
4.23
-18.7
0.009
74.0
0.584
-13.5
7.97
12.5
0.4
0.276
-13.8
4.24
-25.6
0.012
66.5
0.569
-17.1
6.12
12.5
0.5
0.276
-17.5
4.24
-32.0
0.014
60.1
0.557
-20.4
5.33
12.5
0.6
0.275
-20.8
4.26
-38.8
0.016
56.2
0.542
-23.4
4.75
12.6
0.7
0.274
-24.4
4.30
-45.8
0.017
54.6
0.530
-26.1
4.51
12.7
0.8
0.273
-26.9
4.31
-52.9
0.018
53.5
0.520
-29.1
4.31
12.7
0.9
0.272
-29.9
4.32
-60.1
0.020
51.0
0.511
-31.8
3.92
12.7
1.0
0.272
-31.4
4.34
-67.5
0.021
49.8
0.504
-34.3
3.74
12.8
1.2
0.270
-34.3
4.38
-82.0
0.023
46.4
0.493
-40.3
3.43
12.8
1.4
0.266
-37.3
4.37
-97.6
0.024
42.6
0.481
-46.5
3.35
12.8
1.6
0.258
-40.2
4.25
-113.8
0.024
42.0
0.465
-53.1
3.53
12.6
1.8
0.250
-43.1
4.08
-129.6
0.025
41.4
0.438
-58.6
3.66
12.2
2.0
0.242
-46.0
3.82
-145.2
0.026
40.9
0.401
-63.6
3.93
11.6
2.2
0.231
-48.7
3.50
-161.3
0.027
40.3
0.352
-68.6
4.35
10.9
2.4
0.215
-50.4
3.24
-174.5
0.027
39.8
0.309
-71.9
4.91
10.2
2.6
0.195
-51.4
2.97
172.6
0.027
39.2
0.259
-74.4
5.59
9.5
2.8
0.175
-52.3
2.69
160.3
0.026
38.7
0.215
-74.1
6.61
8.6
3.0
0.153
-51.3
2.41
150.5
0.026
38.2
0.165
-70.8
7.60
7.6
VCC = 1.8 V, ICC = 4.5 mA
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.467
-1.4
2.47
-8.7
0.003
63.6
0.608
-5.5
33.13
7.9
0.2
0.483
-3.9
2.40
-19.2
0.007
62.0
0.596
-11.7
14.57
7.6
0.3
0.494
-7.6
2.34
-29.6
0.011
60.3
0.580
-17.2
9.60
7.4
0.4
0.498
-10.7
2.29
-39.0
0.015
58.7
0.557
-21.3
7.40
7.2
0.5
0.500
-14.9
2.22
-48.1
0.018
57.0
0.538
-25.9
6.51
6.9
0.6
0.503
-18.6
2.14
-56.9
0.021
55.4
0.511
-29.4
5.99
6.6
0.7
0.505
-22.5
2.08
-64.9
0.024
53.8
0.501
-33.8
5.44
6.4
0.8
0.507
-26.1
2.01
-73.5
0.026
52.1
0.480
-36.1
5.31
6.1
0.9
0.510
-30.2
1.94
-81.8
0.027
50.5
0.470
-40.4
5.34
5.8
1.0
0.512
-34.2
1.88
-88.2
0.028
48.8
0.446
-43.8
5.46
5.5
1.2
0.508
-41.3
1.79
-104.2
0.030
45.6
0.415
-49.3
5.57
5.1
1.4
0.498
-48.6
1.70
-120.4
0.031
42.3
0.390
-54.6
5.90
4.6
1.6
0.480
-55.4
1.61
-134.5
0.032
39.0
0.360
-58.7
6.36
4.1
1.8
0.463
-62.1
1.51
-147.3
0.032
35.7
0.326
-61.7
7.14
3.6
2.0
0.438
-69.0
1.43
-160.8
0.032
32.5
0.291
-63.3
7.98
3.1
2.2
0.396
-76.2
1.35
-177.2
0.032
29.2
0.260
-64.1
9.02
2.6
2.4
0.349
-81.5
1.27
174.1
0.033
25.9
0.234
-64.2
9.85
2.1
2.6
0.304
-87.7
1.21
162.9
0.032
22.6
0.205
-62.7
11.19
1.7
2.8
0.273
-93.6
1.15
152.5
0.030
19.3
0.179
-59.6
12.96
1.2
3.0
0.230
-96.7
1.09
144.7
0.029
16.1
0.160
-54.6
14.59
0.7
Note:
1. K factor Calculation:
K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
∆ = S11 S22 - S21 S12
VCC = 3.0 V, ICC = 7.5 mA


유사한 부품 번호 - UPC2745T

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
UPC2745T CEL-UPC2745T Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2745TB CEL-UPC2745TB Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

유사한 설명 - UPC2745T

제조업체부품명데이터시트상세설명
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
   3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
UPC1678G NEC-UPC1678G Datasheet
94Kb / 16P
   5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC1679G NEC-UPC1679G Datasheet
73Kb / 12P
   5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
   3 V, 900 MHz Si MMIC AMPLIFIER
logo
California Eastern Labs
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
   5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
   3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com