전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8692ARZ-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8692ARZ-REEL7
상세설명  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8692ARZ-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8692ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8692ARZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 9 of 16
0.0001
0.001
0.01
20
100
1k
10k
20k
FREQUENCY (Hz)
0.1
VS = ±2.5V
AV = 1
VIN = 1V p-p
BW = 20kHz
RL = 1kΩ
RL = 600Ω
RL = 100kΩ
Figure 23. THD + N vs. Frequency
TIME (1s/DIV)
VS = 5V AND 2.7V
Figure 24. 0.1 Hz to 10 Hz Input Voltage Noise
1
100
10
1000
FREQUENCY (Hz)
10
1
100
1000
10000
VS = ±2.5V AND ±1.35V
Figure 25. Voltage Noise Density
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
90
110
120
130
140
150
100
VIN
28mV p-p
V–
–2.5V
V+
+2.5V
A
B
VOUT
V+
V–
R1
10kΩ
R2
100Ω
Figure 26. AD8692/AD8694 Channel Separation


유사한 부품 번호 - AD8692ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8692ARZ-REEL7 AD-AD8692ARZ-REEL7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
More results

유사한 설명 - AD8692ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com