전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

51013 데이터시트(PDF) 1 Page - Amphenol Corporation

부품명 51013
상세설명  High reliability, solid state silicon pressure sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51013 데이터시트(HTML) 1 Page - Amphenol Corporation

  51013 Datasheet HTML 1Page - Amphenol Corporation 51013 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P122
High Silicon Pressure
Sensor Die
Features
• High reliability, solid state silicon pressure
sensors
• Available in absolute pressure version
• Standard pressure ranges: 1700, 3500,
17000, 21000, 35000 and 70000 kPaA
• Nonlinearity < 0.25% FSO BFSL
• 2X overpressure limit
Applications
• Process control systems
• Pneumatic controls
• Biomedical instruments
• Hydraulic systems
The P122 piezoresistive pressure sensors are
offered in a miniature 0.10 in x 0.10 in (2.5 mm x
2.5 mm) die. When excited with 1.0 mA, the P122
produces a millivolt output that is proportional
to input pressure. The P122 is available as an
absolute pressure sensor where the media
pressure is referenced to an internal vacuum
sealed in the die. With NovaSensor’s SenStable®
process, the P122 will provide very good long-term
stability and excellent repeatability.
Amphenol
Advanced Sensors


유사한 부품 번호 - 51013

제조업체부품명데이터시트상세설명
logo
Bi technologies
5101 BITECH-5101 Datasheet
105Kb / 4P
   Precision Potentiometer
logo
Moxa Inc.
5101-PBM-MN MOXA-5101-PBM-MN Datasheet
1Mb / 5P
   1-port PROFIBUS-to-Modbus TCP gateways
logo
Amphenol Corporation
51010 AMPHENOL-51010 Datasheet
48Kb / 2P
   Highly reliable, solid state silicon pressure sensors
logo
Molex Electronics Ltd.
51010-0411 MOLEX7-51010-0411 Datasheet
172Kb / 3P
   5.00mm (.197") Pitch Wire-to-Wire Receptacle Housing, Floating-Fit Type, 4 Circuits
51010-0811 MOLEX7-51010-0811 Datasheet
172Kb / 3P
   5.00mm (.197") Pitch Wire-to-Wire Receptacle Housing, Floating-Fit Type, 8 Circuits
More results

유사한 설명 - 51013

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
   High reliability, solid state silicon pressure sensors
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
   High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
   Solid State Pressure Sensors
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
   Solid State Pressure Sensors
logo
Amphenol Corporation
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
   Highly reliable, solid state silicon pressure sensors
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com