전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6111A2 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6111A2
상세설명  150-mW STEREO AUDIO POWER AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6111A2 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA6111A2 Datasheet HTML 5Page - Texas Instruments TPA6111A2 Datasheet HTML 6Page - Texas Instruments TPA6111A2 Datasheet HTML 7Page - Texas Instruments TPA6111A2 Datasheet HTML 8Page - Texas Instruments TPA6111A2 Datasheet HTML 9Page - Texas Instruments TPA6111A2 Datasheet HTML 10Page - Texas Instruments TPA6111A2 Datasheet HTML 11Page - Texas Instruments TPA6111A2 Datasheet HTML 12Page - Texas Instruments TPA6111A2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
RL = 16 Ω,
AV = −1 V/V
0.1
µF
0.47
µF
1
µF
Bypass = 1.65 V
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
RL = 16 Ω,
AV = −1 V/V
0.1
µF
Bypass = 2.5 V
1
µF
0.47
µF
100
10
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
BW = 10 Hz to 22 kHz
RL = 16 Ω
AV = −1 V/V
AV = −10 V/V
100
10
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
BW = 10 Hz to 22 kHz
RL = 16 Ω,
AV = −1 V/V
AV = −10 V/V
TPA6111A2
SLOS313B – DECEMBER 2000 – REVISED JUNE 2004
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
OUTPUT NOISE VOLTAGE
OUTPUT NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
9


유사한 부품 번호 - TPA6111A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6111A2 TI1-TPA6111A2 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2D TI-TPA6111A2D Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2D TI1-TPA6111A2D Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2DG4 TI-TPA6111A2DG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DG4 TI1-TPA6111A2DG4 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
More results

유사한 설명 - TPA6111A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com