전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2100IDA 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2100IDA
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2100IDA 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TSC2100IDA Datasheet HTML 3Page - Texas Instruments TSC2100IDA Datasheet HTML 4Page - Texas Instruments TSC2100IDA Datasheet HTML 5Page - Texas Instruments TSC2100IDA Datasheet HTML 6Page - Texas Instruments TSC2100IDA Datasheet HTML 7Page - Texas Instruments TSC2100IDA Datasheet HTML 8Page - Texas Instruments TSC2100IDA Datasheet HTML 9Page - Texas Instruments TSC2100IDA Datasheet HTML 10Page - Texas Instruments TSC2100IDA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
7
FUNCTIONAL BLOCK DIAGRAM
∑−∆
DAC
Σ
Σ
Vol
Ctl
0 to −63.5 dB
(0.5 dB Steps)
Digital
Audio
Processing
and Serial
Interface
∑−∆
DAC
Σ
Σ
Vol
Ctl
PLL
Sidetone
−48 to 0 dB
1.5 dB Steps
High Power Driver
High Power Driver
DAC CM
Analog Volume
Control −34.5 to
12 dB
2.5 V/2 V
∑−∆
ADC
0 to 59.5 dB
(0.5 dB Steps)
AGC
Touch
Screen
Processing
and SPI
Interface
OSC
∑−∆
ADC
Touch
Panel
Drivers
Internal 2.5 V/
1.25 V
Reference
Battery
Monitor
Battery
Monitor
Temperature
Measurement
DRVDD
DRVSS
AVDD
AVSS
DVDD
DVSS
IOVDD
HPR
HPL
VGND
MICBIAS
MICIN
AUX
X+
Y+
X−
Y−
VBAT1
VBAT2
VREF
MCLK
PWD/ADWS
DOUT
LRCK
DIN
BCLK
RESET
SCLK
SS
SCLK
MOSI
MISO
PINTDAV


유사한 부품 번호 - TSC2100IDA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2100IDA TI1-TSC2100IDA Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IDAG4 TI1-TSC2100IDAG4 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IDAR TI1-TSC2100IDAR Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
More results

유사한 설명 - TSC2100IDA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com