전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2100IRHB 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2100IRHB
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2100IRHB 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TSC2100IRHB Datasheet HTML 4Page - Texas Instruments TSC2100IRHB Datasheet HTML 5Page - Texas Instruments TSC2100IRHB Datasheet HTML 6Page - Texas Instruments TSC2100IRHB Datasheet HTML 7Page - Texas Instruments TSC2100IRHB Datasheet HTML 8Page - Texas Instruments TSC2100IRHB Datasheet HTML 9Page - Texas Instruments TSC2100IRHB Datasheet HTML 10Page - Texas Instruments TSC2100IRHB Datasheet HTML 11Page - Texas Instruments TSC2100IRHB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
8
SPI TIMING DIAGRAM
t
td
t
a
t
sck
t Lead
t Lag
t wsck
t wsck
t r
t f
t v
t ho
t dis
t hi
t su
SS
SCLK
MISO
MOSI
MSB OUT
BIT . . . 1
LSB OUT
MSB OUT
BIT . . . 1
LSB OUT
TYPICAL TIMING REQUIREMENTS
All specifications at 25
°C, DVDD = 1.8 V (1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
twsck
SCLK pulse width
27
18
ns
tLead
Enable lead time
18
15
ns
tLag
Enable lag time
18
15
ns
ttd
Sequential transfer delay
18
15
ns
ta
Slave MISO access time
18
15
ns
tdis
Slave MISO disable time
18
15
ns
tsu
MOSI data setup time
6
6
ns
thi
MOSI data hold time
6
6
ns
tho
MISO data hold time
4
4
ns
tv
MISO data valid time
22
13
ns
tr
Rise time
6
4
ns
tf
Fall time
6
4
ns
(1) These parameters are based on characterization and are not tested in production.


유사한 부품 번호 - TSC2100IRHB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2100IRHB TI1-TSC2100IRHB Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IRHBR TI1-TSC2100IRHBR Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
More results

유사한 설명 - TSC2100IRHB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com