전자부품 데이터시트 검색엔진 |
|
TC75L2600NAKNBXXZL-PF 데이터시트(PDF) 1 Page - Advanced Crystal Technology |
|
TC75L2600NAKNBXXZL-PF 데이터시트(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page (V)TCSW75LC Series From ±0.5ppm stability over 0°C to 50°C ESD sensitive and moisture sensitive level (MSL) ‐ 1 Parameters Specification Remarks Frequency range F_nom 10.0MHz ~ 40.0MHz Supply voltage Vcc 3.3V, 5.0V Initial frequency tolerance F_tol <±1.0ppm At +25°C±2°C Frequency stability vs Temperature F_stb ±0.5ppm ~ ±3.0ppm Table 1 vs Load F_load ±0.2ppm max. ±10% load condition change vs Voltage F_Vcc ±0.2ppm max. ±5% input voltage change vs Aging F_age ±1.0ppm/year max. At +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs Operating temperature range (°C) Topr 0°C ~ +50°C to ‐40°C ~ +85°C Table 2 Storage temperature (°C) Tstg ‐55°C ~ +125°C Output wave form Clipped sine wave Output voltage level 0.8V p‐p (min.) Output load 10KΩ//10pF Output format DC block, AC coupled. Current consumption Icc 10.0~15MHz: 1.5mA, 15.01~26.0MHz: 2.0mA 26.01~40.0MHz: 2.5mA Start‐up time T_str 2.0m sec (typ.), 5.0m sec. (Max.) Reach 90% amplitude at +25°C±2°C VC‐TCXO option only Control Voltage Vc 1.5V ± 1.0V For both Vcc = 3.3V and 5.0V Frequency tuning (ppm) ±5.0ppm Linearity/Slope polarity ±10.0% max/Positive slope Positive voltage for positive frequency shift Input impedance 1.0MΩ min Modulation bandwidth 3.0kHz min Table 2 Frequency stability vs Temperature Temp. (°C) Stability in ppm ±0.5 ±1.0 ±1.5 ±2.0 ±2.5 ±3.0 0°C to 50°C √ √ √√√√ ‐10°C to 60°C Enq. √ √√√√ ‐20°C to 70°C X √ √√√√ ‐30°C to 75°C X √ √√√√ ‐30°C to 85°C X √ √√√√ ‐40°C to 85°C XEnq. √√√√ Phase noise (13.0MHz example) dBc/Hz typical 10Hz ‐80 100Hz ‐115 1kHz ‐135 10kHz ‐148 100kHz ‐148 Pad 1 : Control voltage (VCTCXO). No connection(TCXO) Pad 2 : Ground Pad 3 : Output Pad 4 : Supply Voltage Advanced Crystal Technology (A wholly owned Acal Bfi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification TCXO/VC‐TCXO, 7.0 x 5.0mm, Clipped sine wave Dimensions (Unit:mm) 7.0 1.40 5.08 2.2 5.08 1 2 3 4 1 2 3 4 Top view Bottom view Land pattern 1 2 34 |
유사한 부품 번호 - TC75L2600NAKNBXXZL-PF |
|
유사한 설명 - TC75L2600NAKNBXXZL-PF |