전자부품 데이터시트 검색엔진 |
|
TC32M00025FEINEXXSC-PF 데이터시트(PDF) 2 Page - Advanced Crystal Technology |
|
TC32M00025FEINEXXSC-PF 데이터시트(HTML) 2 Page - Advanced Crystal Technology |
2 / 2 page TCXO part number generation TC32M 00003 F B B N B X X S L ‐PF ACT series Code Frequency (MHz) Ex. 32.768kHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Mechanical tuning (±ppm) Polarity Duty Cycle Tape & Reel RoHS Code TC32M 5 digit require to specify kHz frequency. ≤ 99.99kHz 10=00001 32.768=00003 ≥ 100kHz 100=00010 250=00025 5.0 = F1.8V = D 2.5V = C 3.0V = E 3.3V = B 5.0V = A ‐40 ~ +85 = INone = NHCMOS = E None = XNone = X 40%/60% = S Loose = L 1000 = C 3000 = D ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example part number : TC32M00003FBBNEXXSL‐PF [32.768KHz] TCME32 Series 32.768kHz TCXO, 3.2 x 2.5mm, HCMOS Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification Solder reflow profile Test circuit Tr Tf T t 90% 50% 10% Vol Voh Duty cycle = (t/T) x 100% GND Test waveform Temp.( °C) Time (sec.) 180 ± 10°C 90~120 sec. max 0.45 in 260 ± 5°C 10 sec. max 300 250 200 150 100 50 0 220 ± 10°C 30~40 sec. max ⑥ ④ ⑦ ⑧ ⑨ Drawing control: (Internal use only) Commodity code: 854370 90 99 Issue number : 2 Date : 17062016 Internal reference : M6 |
유사한 부품 번호 - TC32M00025FEINEXXSC-PF |
|
유사한 설명 - TC32M00025FEINEXXSC-PF |