전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD701LT3G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMBD701LT3G
상세설명  Silicon Hot-Carrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD701LT3G 데이터시트(HTML) 1 Page - ON Semiconductor

  MMBD701LT3G Datasheet HTML 1Page - ON Semiconductor MMBD701LT3G Datasheet HTML 2Page - ON Semiconductor MMBD701LT3G Datasheet HTML 3Page - ON Semiconductor MMBD701LT3G Datasheet HTML 4Page - ON Semiconductor MMBD701LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 7
1
Publication Order Number:
MBD701/D
MBD701,
MMBD701L,
SMMBD701L
Silicon Hot-Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements. They are also available in a
Surface Mount package.
Features
Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
Very Low Capacitance − 1.0 pF @ VR = 20 V
High Reverse Voltage − to 70 V
Low Reverse Leakage − 200 nA (Max)
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC Qualified and PPAP
Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward Power Dissipation
@ TA = 25°C
MBD701
MMBD701L, SMMBD701L
Derate above 25
°C
MBD701
MMBD701L, SMMBD701L
PF
280
200
2.8
2.0
mW
mW/
°C
Operating Junction Temperature
Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SOT−23 (TO−236)
CASE 318
STYLE 8
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
1
5H M
G
G
A
= Assembly Location
Y
= Year
W
= Work Week
5H
= Device Code (SOT−23)
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE
TO−92 2−Lead
CASE 182
STYLE 1
MBD
701
AYW
G
G
SOT−23
TO−92
SOT−23
TO−92
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
www.onsemi.com


유사한 부품 번호 - MMBD701LT3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBD701LT3G ONSEMI-MMBD701LT3G Datasheet
64Kb / 4P
   Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MMBD701LT3G ONSEMI-MMBD701LT3G Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
More results

유사한 설명 - MMBD701LT3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
   Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
   Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Leshan Radio Company
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
   Silicon Hot-Carrier Diodes
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com