전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I100N50X4B 데이터시트(PDF) 1 Page - Anaren Microwave

부품명 I100N50X4B
상세설명  RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

I100N50X4B 데이터시트(HTML) 1 Page - Anaren Microwave

  I100N50X4B Datasheet HTML 1Page - Anaren Microwave I100N50X4B Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model I100N50X4B
Features:
 RoHS Compliant
 100 Watts
 DC – 4.0 GHz
 AlN Ceramic
 Non-Nichrome Resistive
Element
 Low VSWR
100% Tested
Half Flange Termination
100 Watts, 50
Description
The I100N50X4B is high performance Aluminum Nitride (AlN) half flange
termination intended as a cost competitive alternative to Beryllium Oxide
(BeO). The termination is well suited to all cellular frequency bands such
as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling
makes the part ideal for terminating circulators, and for use in power
combiners. The termination is also RoHS compliant!
General Specifications
Resistive Element
Thick Film
Substrate
AlN Ceramic
Mounting Flange
Copper, nickel plated per QC-N-290
Operating Temperature
-55°C to +150°C (see de rating chart)
Tolerance is 0.010”, unless otherwise specified. Designed to meet or exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value:
50 Ohms,  2%
Power:
100 Watts
Frequency Range:
DC – 4.0 GHz
Return Loss
> 26 dB to 1.3 GHz
> 22 dB to 4.0GHz
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Specifications subject to change with out notice.
Outline Drawing
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
LEAD LENGTH: 0.150” MIN
1 of 2


유사한 부품 번호 - I100N50X4B

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
I100N50X4 ANAREN-I100N50X4 Datasheet
165Kb / 2P
   Flange Mount Termination 100 Watts, 50廓
More results

유사한 설명 - I100N50X4B

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com