전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8775IRWFT 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC8775IRWFT
상세설명  Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8775IRWFT 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DAC8775IRWFT Datasheet HTML 2Page - Texas Instruments DAC8775IRWFT Datasheet HTML 3Page - Texas Instruments DAC8775IRWFT Datasheet HTML 4Page - Texas Instruments DAC8775IRWFT Datasheet HTML 5Page - Texas Instruments DAC8775IRWFT Datasheet HTML 6Page - Texas Instruments DAC8775IRWFT Datasheet HTML 7Page - Texas Instruments DAC8775IRWFT Datasheet HTML 8Page - Texas Instruments DAC8775IRWFT Datasheet HTML 9Page - Texas Instruments DAC8775IRWFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
6
DAC8775
SLVSBY7 – FEBRUARY 2017
www.ti.com
Product Folder Links: DAC8775
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
PVDD_x/AVDD to PBKG
-0.3
40
V
PVSS_x/REFGND/DCDC_AGND_x/DAC_AGND_x
to PBKG
-0.3
0.3
VPOS_IN_x to VNEG_IN_x
-0.3
40
VPOS_IN_x to PBKG
-0.3
33
VNEG_IN_x to PBKG
-20
0.3
VSENSEN_x to PBKG
VNEG_IN_x
VPOS_IN_x
VSENSEP_x to PBKG
VNEG_IN_x
VPOS_IN_x
DVDD to PBKG
-0.3
6
REFOUT/REFIN to PBKG
-0.3
6
Digital input voltage to PBKG
-0.3
DVDD+0.3
Output voltage
VOUT_x to PBKG
VNEG_IN_x
VPOS_IN_x
V
IOUT_x to PBKG
VNEG_IN_x
VPOS_IN_x
SDO, ALARM to PBKG
-0.3
DVDD+0.3
Input current
Current into any digital input pin
-10
10
mA
Power dissipation
(TJmax – TA)/θJA
W
Operating junction temperature, TJ
-40
150
°C
Junction temperature range, TJmax
150
Storage temperature, Tstg
-65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
±500
(1)
The minimum headroom spec for voltage output stage and the compliance voltage for current output stage should be met. When Buck-
Boost converter is enabled VPOS_IN_x/VNEG_IN_x are generated internally to meet headroom and compliance specs. When Buck-
Boost converter is disabled VPOS_IN_x, AVDD, and PVDD must be tied together.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
PVDD_x/AVDD_x to
PBKG/PVSS_x(1)
Positive supply voltage to ground range
12
36
V
VPOS_IN_x to
PBKG(1)
Positive supply voltage to ground range
12
33
V
VNEG_IN_x to
PBKG(1)
Negative supply voltage to substrate for current output mode
-18
0
V
Negative supply voltage to substrate for voltage output mode
-18
-5
V
VPOS_IN_x to
VNEG_IN_x(1)
12
36
V
VSENSEN_x to PBKG
The minimum headroom spec for voltage output stage must be met
-7
7
V


유사한 부품 번호 - DAC8775IRWFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771RGZR TI1-DAC8771RGZR Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771RGZT TI1-DAC8771RGZT Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
More results

유사한 설명 - DAC8775IRWFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com