전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC-PM 데이터시트(PDF) 2 Page - Gamewell-FCI by Honeywell

부품명 SLC-PM
상세설명  Small Addressable Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SLC-PM 데이터시트(HTML) 2 Page - Gamewell-FCI by Honeywell

  SLC-PM Datasheet HTML 1Page - Gamewell-FCI by Honeywell SLC-PM Datasheet HTML 2Page - Gamewell-FCI by Honeywell SLC-PM Datasheet HTML 3Page - Gamewell-FCI by Honeywell SLC-PM Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60730 Rev. G page 2 of 4
www.gamewell-fci.com
Application
The S3 Series Fire Alarm and Life Safety System is an
easy-to-use intelligent fire alarm solution designed for the
small to mid-sized buildings. Analog technology delivers
the benefits of a simple system installation, while a user-
friendly interface makes panel operation and system main-
tenance quick and intuitive.
Smart Panel Programming
Using Boolean logic programming, the installer may cus-
tomize the system to precisely suit the needs of the build-
ing owner. Auto-programming allows the installer to
instantly locate all the devices on the SLC loop.
Simple, Intuitive Display
The front panel display provides a user-friendly interface
for the operator's control. A 4.3”
(10.922 cm) color touch-
screen displays system status, event details and service
modes. On the front of the panel, six LEDs show the follow-
ing conditions.
Fire
Silenced
Hazard (Gas or CO)
AC Power
Supervisory
Trouble
Five custom programmable switches allow the user quick
access to common functions specific to the building like
device disable, output bypass and device status.
Perfect for Retrofits
The S3 Series is well-suited for retrofit applications. The
SLP provides a simple way to upgrade your fire protection
system. It is designed to be an upgrade solution for the leg-
acy FCI 7100 and Gamewell 602 Series panels. An added
feature is the SLP's EEOL. Using EEOL, the installers can
automatically identify the EOL for existing audible/visual
appliances.
Flexibility for Future Growth
The S3 Series can be expanded to add a second SLC loop
without replacing the entire system. Using the RPT-E3-
UTP Network Repeater, you can network up to 64 nodes
(122 nodes with the ANX node expander) using either
twisted-pair or fiber-optic. The built-in Ethernet port allows
the connection to the Gamewell-FCI’s FocalPoint
Graphical Workstation.
Figure 1 LCD-SLP Display
Features (Continued)
Offers an Ethernet port for programming, a variety of
system reports, and a FocalPoint® Graphic Workstation
connectivity.
Provides two fully-programmable Form-C contacts for
Fire, Trouble, and Supervisory.
TimeCap - Saves time and date up to 48 hours without
any power or battery.
Automatically adjusts to any NAC End-of-Line Resistor
(EOL) value (1k-55k ohm) for legacy audible/visual
appliances.
Removable display can be used as a remote
annunciator.
Suitable for pre-action deluge applications.
Optional Accessories
DACT-E3 - Dialer
The Digital Alarm Communication Transmitter sends digital
signals over telephone lines to the central station. It con-
nects to the SLP through an RS-485 bus. Using the Con-
tact ID format, the DACT-E3 provides a four-digit account
code followed by the code/numbers listed below:
Three-digit Event Code
Two-digit Group Number
Three-digit Contact Number
All codes are used to provide specific point identification.
The DACT-E3 is compatible with digital alarm communica-
tor receivers (DACRs) that receive the following signaling
formats:
Contact ID
SIA
•3+1
•4+2
For more information, refer to the following data sheets:
DACT-E3 Data Sheet, P/N: 9020-0610
FML-E3/FSL-E3 Data Sheet, P/N: 9021-60783
RPT-E3-UTP - Network Repeater Card
The Network Repeater allows the SLP fire control panels to
connect to the broadband network from remote locations. It
connects to other networked units using unshielded,
twisted-pair wiring. The RPT-E3-UTP is available with two
add-on fiber modules:
FML-E3 connects to the network using either 62.5/125
micron multi-mode fiber.
FSL-E3 connects to the network using 9/125 micron
single-mode fiber.
Refer to the RPT-E3-UTP Data Sheet, P/N: 9020-0609.
LCD-7100 - Remote Annunciator
The Remote serial display features an 80-character dis-
play. The LCD-7100 can be surface or flush-mounted on a
standard 4-gang electrical box. You can use up to five
LCD-7100 remote annunciators per SLP panel. For more
information, refer to the
LCD-7100 Data Sheet, P/N: 9020-0486.
ASM-16 - Addressable Switch/LED Module
There are 16 programmable switches available to perform
any function the application requires. Each ASM-16 switch
has 3 LEDs fully programmable in red, yellow, and green.
These LEDs can be programmed to operate with a certain
button press or operate independently as a status signal
(e.g. ON, OFF, Activated, etc).
Up to 16 ASM-16 modules can be connected to the SLP
panel. For more information, refer to the ASM-16 Data
Sheet, P/N: 9020-0554.
ANU-48 - 48 LED Driver Unit
The ANU-48 provides output for eight remote panel
switches and 48 remote LEDs for use in a remotely located
UL® Listed annunciator enclosure. Up to 16 ANU-48 mod-
ules can be connected to the SLP panel. For more infor-
mation, refer to the ANU-48 Data Sheet, P/N: 9020-0596.


유사한 부품 번호 - SLC-PM

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
SLC-PM GAMEWELL-FCI-SLC-PM Datasheet
85Kb / 1P
   SLC Personality Loop Modules
More results

유사한 설명 - SLC-PM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
logo
D+H Mechatronic AG
BAZ04 DH-BAZ04 Datasheet
363Kb / 2P
   Fire door control panel
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com