전자부품 데이터시트 검색엔진 |
|
DM3725CUSA 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
DM3725CUSA 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 280 page DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 DM3730, DM3725 Digital Media Processors Check for Samples: DM3730, DM3725 1 DM3730, DM3725 Digital Media Processors 1.1 Features 123456 • Load-Store Architecture With • DM3730/25 Digital Media Processors: Non-Aligned Support – Compatible with OMAP™ 3 Architecture • 64 32-Bit General-Purpose Registers – ARM® Microprocessor (MPU) Subsystem • Instruction Packing Reduces Code Size • Up to 1-GHz ARM® Cortex ™-A8 Core • All Instructions Conditional Also supports 300, 600, and 800-MHz operation • Additional C64x+TM Enhancements • NEON ™ SIMD Coprocessor – Protected Mode Operation – High Performance Image, Video, Audio – Expectations Support for Error (IVA2.2TM) Accelerator Subsystem Detection and Program Redirection • Up to 800-MHz TMS320C64x+TM DSP Core – Hardware Support for Modulo Loop Also supports 260, 520, and 660-MHz Operation operation – C64x+TM L1/L2 Memory Architecture • Enhanced Direct Memory Access (EDMA) • 32K-Byte L1P Program RAM/Cache Controller (128 Independent Channels) (Direct Mapped) • Video Hardware Accelerators • 80K-Byte L1D Data RAM/Cache (2-Way – POWERVR SGX™ Graphics Accelerator Set- Associative) (DM3730 only) • 64K-Byte L2 Unified Mapped RAM/Cache • Tile Based Architecture Delivering up to (4- Way Set-Associative) 20 MPoly/sec • 32K-Byte L2 Shared SRAM and 16K-Byte • Universal Scalable Shader Engine: L2 ROM Multi-threaded Engine Incorporating Pixel – C64x+TM Instruction Set Features and Vertex Shader Functionality • Byte-Addressable (8-/16-/32-/64-Bit Data) • Industry Standard API Support: • 8-Bit Overflow Protection OpenGLES 1.1 and 2.0, OpenVG1.0 • Bit-Field Extract, Set, Clear • Fine Grained Task Switching, Load • Normalization, Saturation, Bit-Counting Balancing, and Power Management • Compact 16-Bit Instructions • Programmable High Quality Image • Additional Instructions to Support Anti-Aliasing Complex Multiplies – Advanced Very-Long-Instruction-Word – External Memory Interfaces: (VLIW) TMS320C64x+TM DSP Core • SDRAM Controller (SDRC) • Eight Highly Independent Functional – 16, 32-bit Memory Controller With Units 1G-Byte Total Address Space • Six ALUs (32-/40-Bit); Each Supports – Interfaces to Low-Power SDRAM Single 32- bit, Dual 16-bit, or Quad 8-bit, – SDRAM Memory Scheduler (SMS) and Arithmetic per Clock Cycle Rotation Engine • Two Multipliers Support Four 16 x 16-Bit • General Purpose Memory Controller Multiplies (32-Bit Results) per Clock (GPMC) Cycle or Eight 8 x 8-Bit Multiplies (16-Bit Results) per Clock Cycle – 16-bit Wide Multiplexed Address/Data 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 POWERVR SGX is a trademark of Imagination Technologies Ltd. 3 OMAP is a trademark of Texas Instruments. 4 Cortex, NEON are trademarks of ARM Limited. 5 ARM is a registered trademark of ARM Ltd. 6 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2010–2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - DM3725CUSA |
|
유사한 설명 - DM3725CUSA |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |