전자부품 데이터시트 검색엔진 |
|
X1288S16-2.7 데이터시트(PDF) 6 Page - Xicor Inc. |
|
X1288S16-2.7 데이터시트(HTML) 6 Page - Xicor Inc. |
6 / 31 page 6 of 31 REV 1.1.30 3/24/04 www.xicor.com Preliminary Information X1288 Notes: (1) The device enters the Active state after any start, and remains active: for 9 clock cycles if the Device Select Bits in the Slave Address Byte are incorrect or until 200nS after a stop ending a read or write operation. (2) The device enters the Program state 200nS after a stop ending a write operation and continues for tWC. (3) The device goes into the Timekeeping state 200nS after any stop, except those that initiate a nonvolatile write cycle; tWC after a stop that initiates a nonvolatile write cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave Address Byte. (4) For reference only and not tested. (5) VIL = VCC x 0.1, VIH = VCC x 0.9, fSCL = 400KHz (6) VCC = 0V (7) VBACK = 0V (8) VSDA = VSCL=VCC, Others = GND or VCC (9) VSDA =VSCL=VBACK, Others = GND or VBACK (10)VSDA = GND or VCC, VSCL = GND or VCC, VRESET = GND or VCC (11)IOL = 3.0mA at 5.5V, 1.5mA at 2.7V (12) IOH = -1.0mA at 5.5V, -0.4mA at 2.7V (13)Threshold voltages based on the higher of Vcc or Vback. (14)Using recommended crystal and oscillator network applied to X1 and X2 (25°C). (15)Typical values are for TA = 25°C Capacitance TA = 25°C, f = 1.0 MHz, VCC = 5V Notes: (1) This parameter is not 100% tested. (2) The input capacitance between x1 and x2 pins can be varied between 5pF and 19.75pF by using analog trimming registers AC CHARACTERISTICS AC Test Conditions Figure 1. Standard Output Load for testing the device with VCC = 5.0V Symbol Parameter Max. Units Test Conditions COUT (1) Output Capacitance (SDA, PHZ/IRQ, RESET)10 pF VOUT = 0V CIN (1) Input Capacitance (SCL) 10 pF VIN = 0V Input Pulse Levels VCC x 0.1 to VCC x 0.9 Input Rise and Fall Times 10ns Input and Output Timing Levels VCC x 0.5 Output Load Standard Output Load SDA 1533 Ω 100pF 5.0V For VOL= 0.4V and IOL = 3 mA Equivalent AC Output Load Circuit for VCC = 5V 1316 Ω 5.0V PHZ/IRQ 100pF 806 Ω |
유사한 부품 번호 - X1288S16-2.7 |
|
유사한 설명 - X1288S16-2.7 |