전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744761136C 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744761136C
상세설명  WE-KI SMD Wire Wound Ceramic Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744761136C 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744761136C Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744761136C Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 20:1
0,3 ± 0,1
1,65 ± 0,2
Recommended Land Pattern: [mm]
Scale - 20:1
0,625
0,65
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
250 MHz
L
36
nH
±5
Q-factor
250 MHz
Q
36
min.
DC Resistance
@ 20 °C
RDC
0.2
Ω
max.
Rated Current
ΔT = 15 K
IR
600
mA
max.
Self Resonant Frequency
fres
2080
MHz min.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +110 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-10 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JoMa
DIN ISO 2768-1m
DESCRIPTION
WE-KI SMD Wire Wound Ceramic
Inductor
ORDER CODE
744761136C
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
0603C
005.000
Valid
2017-02-13
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744761136C

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744761136A WURTH-744761136A Datasheet
487Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
744761136GA WURTH-744761136GA Datasheet
486Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
More results

유사한 설명 - 744761136C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
744761039C ETC2-744761039C Datasheet
947Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
logo
Wurth Elektronik GmbH &...
7447604C WURTH-7447604C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761016C WURTH-744761016C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761111C WURTH-744761111C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765043A WURTH-744765043A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765062A WURTH-744765062A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765087A WURTH-744765087A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765130A WURTH-744765130A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744760222C WURTH-744760222C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744762068A WURTH-744762068A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761124C WURTH-744761124C Datasheet
278Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com