전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744901047 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744901047
상세설명  WE-TCI Thinfilm Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744901047 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744901047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744901047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744901047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744901047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744901047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.0
2.0
REV
2014-04-14
2005-08-17
DATE
SSt
AWe
BY
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TCI Thinfilm Chip Inductor
Order.- No.
744901047
SIZE
A4
Size: 0402
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TCI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744901047

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744901047 WURTH-744901047_15 Datasheet
968Kb / 5P
   WE-TCI Thinfilm Chip Inductor
More results

유사한 설명 - 744901047

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744902012 WURTH-744902012 Datasheet
139Kb / 2P
   Thinfilm-Chip-Inductor WE-TCI
744902039 WURTH-744902039 Datasheet
112Kb / 2P
   Thinfilm-Chip-Inductor WE-TCI
744902115 WURTH-744902115 Datasheet
139Kb / 2P
   Thinfilm-Chip-Inductor WE-TCI
744900012 WURTH-744900012 Datasheet
908Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744901062 WURTH-744901062 Datasheet
463Kb / 6P
   WE-TCI Thinfilm Chip Inductor
001.001
744901072 WURTH-744901072 Datasheet
452Kb / 6P
   WE-TCI Thinfilm Chip Inductor
001.000
744901010 WURTH-744901010 Datasheet
965Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744900039 WURTH-744900039 Datasheet
909Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744900010 WURTH-744900010 Datasheet
936Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744900027 WURTH-744900027 Datasheet
907Kb / 5P
   WE-TCI Thinfilm Chip Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com