전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS82C37A 데이터시트(PDF) 4 Page - Harris Corporation

부품명 CS82C37A
상세설명  CMOS High Performance Programmable DMA Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C37A 데이터시트(HTML) 4 Page - Harris Corporation

  CS82C37A Datasheet HTML 1Page - Harris Corporation CS82C37A Datasheet HTML 2Page - Harris Corporation CS82C37A Datasheet HTML 3Page - Harris Corporation CS82C37A Datasheet HTML 4Page - Harris Corporation CS82C37A Datasheet HTML 5Page - Harris Corporation CS82C37A Datasheet HTML 6Page - Harris Corporation CS82C37A Datasheet HTML 7Page - Harris Corporation CS82C37A Datasheet HTML 8Page - Harris Corporation CS82C37A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4-195
82C37A
EOP
36
I/O
END OF PROCESS: End of Process (EOP) is an active low bidirectional signal. Information
concerning the completion of DMA services is available at the bidirectional EOP pin.
The 82C37A allows an external signal to terminate an active DMA service by pulling the EOP pin
low. A pulse is generated by the 82C37A when terminal count (TC) for any channel is reached,
except for channel 0 in memory-to-memory mode. During memory-to-memory transfers, EOP will
be output when the TC for channel 1 occurs.
The EOP pin is driven by an open drain transistor on-chip, and requires an external pull-up resistor
to VCC.
When an EOP pulse occurs, whether internally or externally generated, the 82C37A will terminate
the service, and if autoinitialize is enabled, the base registers will be written to the current registers
of that channel. The mask bit and TC bit in the status word will be set for the currently active channel
by EOP unless the channel is programmed for autoinitialize. In that case, the mask bit remains clear.
A0-A3
32-35
I/O
ADDRESS: The four least significant address lines are bidirectional three-state signals. In the Idle
cycle, they are inputs and are used by the 82C37A to address the control register to be loaded or
read. In the Active cycle, they are outputs and provide the lower 4-bits of the output address.
A4-A7
37-40
O
ADDRESS: The four most significant address lines are three-state outputs and provide 4-bits of
address. These lines are enabled only during the DMA service.
HRQ
10
O
HOLD REQUEST: The Hold Request (HRQ) output is used to request control of the system bus.
When a DREQ occurs and the corresponding mask bit is clear, or a software DMA request is made,
the 82C37A issues HRQ. The HLDA signal then informs the controller when access to the system
busses is permitted. For stand-alone operation where the 82C37A always controls the busses, HRQ
may be tied to HLDA. This will result in one S0 state before the transfer.
DACK0-
DACK3
14, 15
24, 25
O
DMA ACKNOWLEDGE: DMA acknowledge is used to notify the individual peripherals when one
has been granted a DMA cycle. The sense of these lines is programmable. RESET initializes them
to active low.
AEN
9
O
ADDRESS ENABLE: Address Enable enables the 8-bit latch containing the upper 8 address bits
onto the system address bus. AEN can also be used to disable other system bus drivers during DMA
transfers. AEN is active high.
ADSTB
8
O
ADDRESS STROBE: This is an active high signal used to control latching of the upper address
byte. It will drive directly the strobe input of external transparent octal latches, such as the 82C82.
During block operations, ADSTB will only be issued when the upper address byte must be updated,
thus speeding operation through elimination of S1 states. ADSTB timing is referenced to the falling
edge of the 82C37A clock.
MEMR
3
O
MEMORY READ: The Memory Read signal is an active low three-state output used to access data
from the selected memory location during a DMA Read or a memory-to-memory transfer.
MEMW
4
O
MEMORY WRITE: The Memory Write signal is an active low three-state output used to write data
to the selected memory location during a DMA Write or a memory-to-memory transfer.
NC
5
NO CONNECT: Pin 5 is open and should not be tested for continuity.
Pin Description (Continued)
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION


유사한 부품 번호 - CS82C37A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CS82C37A INTERSIL-CS82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
CS82C37A INTERSIL-CS82C37A Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
CS82C37A-12 INTERSIL-CS82C37A-12 Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
CS82C37A-12 INTERSIL-CS82C37A-12 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
CS82C37A-1296 INTERSIL-CS82C37A-1296 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
More results

유사한 설명 - CS82C37A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com