전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD82C37A-12 데이터시트(PDF) 6 Page - Harris Corporation

부품명 CD82C37A-12
상세설명  CMOS High Performance Programmable DMA Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo HARRIS - Harris Corporation

CD82C37A-12 데이터시트(HTML) 6 Page - Harris Corporation

Back Button CD82C37A-12 Datasheet HTML 2Page - Harris Corporation CD82C37A-12 Datasheet HTML 3Page - Harris Corporation CD82C37A-12 Datasheet HTML 4Page - Harris Corporation CD82C37A-12 Datasheet HTML 5Page - Harris Corporation CD82C37A-12 Datasheet HTML 6Page - Harris Corporation CD82C37A-12 Datasheet HTML 7Page - Harris Corporation CD82C37A-12 Datasheet HTML 8Page - Harris Corporation CD82C37A-12 Datasheet HTML 9Page - Harris Corporation CD82C37A-12 Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
4-197
82C37A
The 82C37A can assume seven separate states, each
composed of one full clock period. State I (SI) is the idle
state. It is entered when the 82C37A has no valid DMA
requests pending, at the end of a transfer sequence, or
when a Reset or Master Clear has occurred. While in SI, the
DMA controller is inactive but may be in the Program
Condition (being programmed by the processor).
State 0 (S0) is the first state of a DMA service. The 82C37A
has requested a hold but the processor has not yet returned
an acknowledge. The 82C37A may still be programmed until
it has received HLDA from the CPU. An acknowledge from
the CPU will signal the DMA transfer may begin. S1, S2, S3,
and S4 are the working state of the DMA service. If more
time is needed to complete a transfer than is available with
normal timing, wait states (SW) can be inserted between S3
and S4 in normal transfers by the use of the Ready line on
the 82C37A. For compressed transfers, wait states can be
inserted between S2 and S4. See timing Figures 14 and 15.
Note that the data is transferred directly from the I/O device
to memory (or vice versa) with IOR and MEMW (or MEMR
and IOW) being active at the same time. The data is not read
into or driven out of the 82C37A in I/O-to-memory or
memory-to-I/O DMA transfers.
Memory-to-memory transfers require a read-from and a write-
to memory to complete each transfer. The states, which
resemble the normal working states, use two-digit numbers
for identification. Eight states are required for a single transfer.
The first four states (S11, S12, S13, S14) are used for the
read-from-memory half and the last four state (S21, S22, S23,
S24) for the write-to-memory half of the transfer.
Idle Cycle
When no channel is requesting service, the 82C37A will
enter the idle cycle and perform “SI” states. In this cycle, the
82C37A will sample the DREQ lines on the falling edge of
every clock cycle to determine if any channel is requesting a
DMA service.
Note that for standby operation where the clock has been
stopped, DMA requests will be ignored. The device will
respond to CS (chip select), in case of an attempt by the
microprocessor to write or read the internal registers of the
82C37A. When CS is low and HLDA is low, the 82C37A
enters the Program Condition. The CPU can now establish,
change or inspect the internal definition of the part by read-
ing from or writing to the internal registers.
The 82C37A may be programmed with the clock stopped, pro-
vided that HLDA is low and at least one rising clock edge has
occurred after HLDA was driven low, so the controller is in an SI
state. Address lines A0-A3 are inputs to the device and select
which registers will be read or written. The IOR and IOW lines
are used to select and time the read or write operations. Due to
the number and size of the internal registers, an internal flip-flop
called the First/Last Flip-Flop is used to generate an additional
bit of address. The bit is used to determine the upper or lower
byte of the 16-bit Address and Work Count registers. The flip-
flop is reset by Master Clear or RESET. Separate software
commands can also set or reset this flip-flop.
Special software commands can be executed by the
82C37A in the Program Condition. These commands are
decoded as sets of addresses with CS, IOR, and IOW. The
commands do not make use of the data bus. Instructions
include Set and Clear First/Last Flip-Flop, Master Clear,
Clear Mode Register Counter, and Clear Mask Register.
Active Cycle
When the 82C37A is in the Idle cycle, and a software
request or an unmasked channel requests a DMA service,
the device will issue HRQ to the microprocessor and enter
the Active cycle. It is in this cycle that the DMA service will
take place, in one of four modes:
Single Transfer Mode - In Single Transfer mode, the device
is programmed to make one transfer only. The word count
will be decremented and the address decremented or
incremented following each transfer. When the word count
“rolls over” from zero to FFFFH, a terminal count bit in the
status register is set, an EOP pulse is generated, and the
channel will autoinitialize if this option has been selected. If
not programmed to autoinitialize, the mask bit will be set,
along with the TC bit and EOP pulse.
DREQ must be held active until DACK becomes active. If
DREQ is held active throughout the single transfer, HRQ will
go inactive and release the bus to the system. It will again go
active and, upon receipt of a new HLDA, another single
transfer will be performed, unless a higher priority channel
takes over. In 8080A, 8085A, 80C88, or 80C86 systems, this
will ensure one full machine cycle execution between DMA
transfers. Details of timing between the 82C37A and other
bus control protocols will depend upon the characteristics of
the microprocessor involved.
Block Transfer Mode - In Block Transfer mode, the device
is activated by DREQ or software request and continues
making transfers during the service until a TC, caused by
word count going to FFFFH, or an external End of Process
(EOP) is encountered. DREQ need only be held active until
DACK becomes active. Again, an Autoinitialization will occur
at the end of the service if the channel has been
programmed for that option.
Demand Transfer Mode - In Demand Transfer mode the
device continues making transfers until a TC or external EOP is
encountered, or until DREQ goes inactive. Thus, transfer may
continue until the I/O device has exhausted its data capacity.
After the I/O device has had a chance to catch up, the DMA
service is reestablished by means of a DREQ. During the time
between services when the microprocessor is allowed to oper-
ate, the intermediate values of address and word count are
stored in the 82C37A Current Address and Current Word
Count registers. Higher priority channels may intervene in the
demand process, once DREQ has gone inactive. Only an EOP
can cause an Autoinitialization at the end of service. EOP is
generated either by TC or by an external signal.
Cascade Mode - This mode is used to cascade more than
one 82C37A for simple system expansion. The HRQ and
HLDA signals from the additional 82C37A are connected to
the DREQ and DACK signals respectively of a channel for


유사한 부품 번호 - CD82C37A-12

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD82C37A-12 INTERSIL-CD82C37A-12 Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
CD82C37A-12 INTERSIL-CD82C37A-12 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
More results

유사한 설명 - CD82C37A-12

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com