전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC7005GVAT 데이터시트(PDF) 11 Page - Texas Instruments

부품명 CDC7005GVAT
상세설명  3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDC7005GVAT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CDC7005GVAT Datasheet HTML 7Page - Texas Instruments CDC7005GVAT Datasheet HTML 8Page - Texas Instruments CDC7005GVAT Datasheet HTML 9Page - Texas Instruments CDC7005GVAT Datasheet HTML 10Page - Texas Instruments CDC7005GVAT Datasheet HTML 11Page - Texas Instruments CDC7005GVAT Datasheet HTML 12Page - Texas Instruments CDC7005GVAT Datasheet HTML 13Page - Texas Instruments CDC7005GVAT Datasheet HTML 14Page - Texas Instruments CDC7005GVAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685E − DECEMBER 2002 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description of the logic (continued)
Table 11. MUX0, MUX1, MUX2, MUX3, and MUX4 Selection
MUX2
MUX1
MUX0
SELECTED DIVIDED VCXO SIGNAL
DEFAULT
0
0
0
Div by 1
For Y0
0
0
1
Div by 2
For Y1
0
1
0
Div by 4
For Y2
0
1
1
Div by 8
For Y3 and Y4
1
0
0
Div by 16
1
0
1
Div by 8
1
1
0
Div by 8
1
1
1
Div by 8
VCC
REF_IN Clock Fed Through
the M Divider and Delay
0 V
VCXO_IN Clock Fed Through
the N Divider and Delay
V(PFD1) (Internal Signal)
V(PFD2) (Internal Signal)
ICP (Bit 30 of Word 1 = 1,
Default State)
ICP (Bit 30 of Word 1 = 0)
PFD Pulse
Width Delay
PFD Pulse
Width Delay
NOTE: The purpose of the PFD pulse width delay is to improve spurious suppression. (See Table 7)
Figure 2. Charge Pump Current Direction


유사한 부품 번호 - CDC7005GVAT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZ TI-CDC7005RGZ Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZR TI-CDC7005RGZR Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZRG4 TI-CDC7005RGZRG4 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
More results

유사한 설명 - CDC7005GVAT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com