전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6990 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS6990
상세설명  Dual 30V N-Channel PowerTrench SyncFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6990 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS6990 Datasheet HTML 1Page - Fairchild Semiconductor FDS6990 Datasheet HTML 2Page - Fairchild Semiconductor FDS6990 Datasheet HTML 3Page - Fairchild Semiconductor FDS6990 Datasheet HTML 4Page - Fairchild Semiconductor FDS6990 Datasheet HTML 5Page - Fairchild Semiconductor FDS6990 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS6990S Rev B (W)
Typical Characteristics
0
10
20
30
40
50
0
1
2
3
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
4.5V
4.0V
3.5V
VGS = 10V
6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.7
1
1.3
1.6
1.9
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 7.5A
VGS = 10V
0
0.01
0.02
0.03
0.04
0.05
0.06
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.8A
TA = 125
o
C
TA = 25
o
C
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
1.5
2.5
3.5
4.5
5.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = 5V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
0.6
1
1.4
1.8
2.2
2.6
0
10
20
30
40
50
ID, DRAIN CURRENT (A)
VGS = 4.0V
6.0V
8.0V
10V
5.0V
4.5V
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V


유사한 부품 번호 - FDS6990

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990 FAIRCHILD-FDS6990 Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6990

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com