전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8392AAREZ-RL 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8392AAREZ-RL
상세설명  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-RL 데이터시트(HTML) 1 Page - Analog Devices

  AD8392AAREZ-RL Datasheet HTML 1Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 2Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 3Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 4Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 5Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 6Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 7Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 8Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Low Power, High Output Current, Quad Op
Amp, Dual-Channel ADSL/ADSL2+ Line Driver
Data Sheet
AD8392A
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Four current feedback, high current amplifiers
Ideal for use as ADSL/ADSL2+ dual-channel central office
(CO) line drivers
Low power operation
Power supply operation from ±5 V (+10 V) up to ±12 V (+24 V)
Less than 3 mA/amp quiescent supply current for full
power ADSL/ADSL2+ CO applications (20.4 dBm line
power, 5.5 CF)
Three active power modes plus shutdown
High output voltage and current drive
500 mA peak output drive current
42.6 V p-p differential output voltage
Low distortion
−93 dBc @1 MHz second harmonic
−103 dBc @ 1 MHz third harmonic
High speed: 515 V/μs differential slew rate
Additional functionality of AD8392AACP
On-chip, common-mode voltage generation
APPLICATIONS
ADSL/ADSL2+ CO line drivers
XDSL line drivers
GENERAL DESCRIPTION
The AD8392A is comprised of four high output current, low
power consumption, operational amplifiers. It is particularly
well suited for the CO driver interface in digital subscriber line
systems, such as ADSL and ADSL2+. The driver is capable of
providing enough power to deliver 20.4 dBm to a line, while
compensating for losses due to hybrid insertion and back
termination resistors.
The AD8392A is available in two thermally enhanced packages,
a 28-lead TSSOP_EP (AD8392AARE) and a 5 mm × 5 mm,
32-lead LFCSP (AD8392AACP). Four bias modes are available
via the use of two digital bits (PD1, PD0).
Additionally, the AD8392AACP provides VCOM pins for on-chip,
common-mode voltage generation.
The low power consumption, high output current, high output
voltage swing, and robust thermal packaging enable the
AD8392A to be used as the CO line drivers in ADSL and other
xDSL systems.
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD8392A
TOP VIEW
(Not To Scale)
PD0 1, 2
PD1 1, 2
+VIN1
NIC
VOUT1
–VIN1
VEE
NIC
NIC
+VIN2
NIC
VOUT2
–VIN2
VOUT3
–VIN3
+VIN3
GND
NIC
NIC
VCC
–VIN4
+VIN4
VEE
PD0 3, 4
PD1 3, 4
GND
VCC
VOUT4
1
34
2
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. EXPOSED PAD. CONNECT THE EXPOSED
PAD TO GROUND PLANE.
Figure 1. AD8392AARE, 28-Lead TSSOP_EP
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD8392A
TOP VIEW
(Not to Scale)
NIC
VOUT1
–VIN1
NIC
VOUT2
–VIN2
VOUT3
–VIN3
VCC
–VIN4
VCC
VOUT4
NIC
NIC
NIC
NIC
34
32 31 30 29 28 27
25
26
910 11 12 13 14
16
15
12
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. EXPOSED PAD. CONNECT THE EXPOSED
PAD TO GROUND PLANE.
Figure 2. AD8392AACP, 5 mm × 5 mm, 32-Lead LFCSP


유사한 부품 번호 - AD8392AAREZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8392AAREZ-RL AD-AD8392AAREZ-RL Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
More results

유사한 설명 - AD8392AAREZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392 AD-AD8392 Datasheet
529Kb / 16P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com