전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSD45N 데이터시트(PDF) 8 Page - Laird Tech Smart Technology

부품명 MSD45N
상세설명  Initial Release
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MSD45N 데이터시트(HTML) 8 Page - Laird Tech Smart Technology

Back Button MSD45N Datasheet HTML 4Page - Laird Tech Smart Technology MSD45N Datasheet HTML 5Page - Laird Tech Smart Technology MSD45N Datasheet HTML 6Page - Laird Tech Smart Technology MSD45N Datasheet HTML 7Page - Laird Tech Smart Technology MSD45N Datasheet HTML 8Page - Laird Tech Smart Technology MSD45N Datasheet HTML 9Page - Laird Tech Smart Technology MSD45N Datasheet HTML 10Page - Laird Tech Smart Technology MSD45N Datasheet HTML 11Page - Laird Tech Smart Technology MSD45N Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MSD45N
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
8
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Security
Standards
Wireless Equivalent Privacy (WEP)
Wi-Fi Protected Access (WPA)
IEEE 802.11i (WPA2)
Note: Support for Federal Information Processing Standards (FIPS) is
pending.
Encryption
Wireless Equivalent Privacy (WEP, RC4 Algorithm)
Temporal Key Integrity Protocol (TKIP, RC4 Algorithm)
Advanced Encryption Standard (AES, Rijndael Algorithm)
Encryption Key Provisioning
Static (40-bit and 128-bit lengths)
Pre-Shared (PSK)
Dynamic
802.1X Extensible Authentication Protocol Types
EAP-FAST
EAP-TLS
EAP-TTLS
PEAP-GTC
PEAP-MSCHAPv2
PEAP-TLS
LEAP
Compliance
ETSI Regulatory Domain
EN 300 328
EN 301 489-1
EN 301 489-17
EN 301 893
EN 60950-1
EN 62311
EU 2002/95/EC (RoHS)
FCC Regulatory Domain
FCC 15.247 DTS – 802.11b/g (Wi-Fi) – 2.4 GHz & 5.8 GHz
FCC 15.407 UNII – 802.11a (Wi-Fi) – 2.4 GHz & 5.4 GHz
Industry Canada
RSS-210 – 802.11a/b/g/n (Wi-Fi) – 2.4 GHz, 5.8 GHz, 5.2 GHz, and 5.4 GHz
Certifications
Note: CCX is pending.
Wi-Fi Alliance
802.11a, 802.11b, 802.11g , 802.11n
WPA Enterprise
WPA2 Enterprise
Cisco Compatible Extensions (Version 4)
Warranty
Limited Lifetime
All specifications are subject to change without notice


유사한 부품 번호 - MSD45N

제조업체부품명데이터시트상세설명
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
   Added PCM defaults
logo
Bruckewell Technology L...
MSD40P03 BWTECH-MSD40P03 Datasheet
281Kb / 3P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
MSD4110C FAIRCHILD-MSD4110C Datasheet
272Kb / 7P
   0.4 INCH (10.1MM) TWO DIGIT STICK DISPLAY
MSD4140C FAIRCHILD-MSD4140C Datasheet
272Kb / 7P
   0.4 INCH (10.1MM) TWO DIGIT STICK DISPLAY
logo
ON Semiconductor
MSD42SWT1 ONSEMI-MSD42SWT1 Datasheet
42Kb / 2P
   NPN Silicon General Purpose High Voltage Transistor
January, 2006 ??Rev. 1
More results

유사한 설명 - MSD45N

제조업체부품명데이터시트상세설명
logo
CUI INC
AMT-08C-2-036 CUI-AMT-08C-2-036 Datasheet
124Kb / 1P
   INITIAL RELEASE
08/18/2020
AMT-14C-0-020-USB CUI-AMT-14C-0-020-USB_V01 Datasheet
132Kb / 1P
   initial release
4/15/2020
logo
Infineon Technologies A...
TLD7002-16SHIELD INFINEON-TLD7002-16SHIELD Datasheet
1Mb / 14P
   Initial release
Rev.1.00 2022-07-26
logo
TE Connectivity Ltd
C-734251 TEC-C-734251 Datasheet
462Kb / 1P
   INITIAL RELEASE
logo
WIZnet Co., Ltd
WIZ550IO WIZNET-WIZ550IO Datasheet
501Kb / 8P
   Initial Release
1.0.0 2013-08-01
logo
TE Connectivity Ltd
C-2834067 TEC-C-2834067 Datasheet
311Kb / 3P
   INITIAL RELEASE
C-2272229 TEC-C-2272229 Datasheet
138Kb / 1P
   INITIAL RELEASE
logo
Times Microwave Systems...
AA-12121 TIMES-AA-12121 Datasheet
156Kb / 1P
   Initial Release – CDC 63277
Rev. A Date 11/21/22
logo
List of Unclassifed Man...
MPU-9150A ETC2-MPU-9150A Datasheet
3Mb / 52P
   Initial Release of Product Specification
logo
Laird Tech Smart Techno...
66T0190-80P LSTD-66T0190-80P Datasheet
49Kb / 1P
   INITIAL PERMEABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com