전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-BGA600D-01 데이터시트(PDF) 2 Page - Ironwood Electronics.

부품명 SS-BGA600D-01
상세설명  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA600D-01 데이터시트(HTML) 2 Page - Ironwood Electronics.

  SS-BGA600D-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE 2 of 5
Recommended PCB Layout
Tolerances: ±0.025mm [±0.001”]
unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
DXF DATA WILL BE PROVIDED
Status: Released
Drawing: J. Glab
Scale: 2:1
Rev: A
Date: 3/15/07
Modified:
File: SS-BGA600D-01 Dwg
SS-BGA600D-01 Drawing
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Socket Size
Orientation Mark
36.225mm±0.125mm
1.00mm typ.
Non plated Mounting Hole
Ø 1.75mm±0.05mm(x8)
33.725mm Sqr.
Ø 0.850mm±0.025mm (x2)
Ø 0.51mmPAD
36.600mm±0.125mm
5.08mm
38.725mm±0.125mm Sqr.
Backing Plate
Size
29.00mm(x2)
Non plated Alignment Hole
50.60mm [1.992"]
57.23mm [2.253"]
Socket lid size
Socket lid size
16.86mm(x8)
2.36mm
2.74mm*
2.54mm
1.25mm±0.13mm
1.25mm±0.13mm


유사한 부품 번호 - SS-BGA600D-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-BGA625A-01 IRONWOOD-SS-BGA625A-01 Datasheet
225Kb / 5P
   Minimum real estate required
SS-BGA63D-01 IRONWOOD-SS-BGA63D-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-BGA63E-01 IRONWOOD-SS-BGA63E-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-BGA650A-01 IRONWOOD-SS-BGA650A-01 Datasheet
116Kb / 4P
   Compression plate distributes forces evenly
SS-BGA672B-01 IRONWOOD-SS-BGA672B-01 Datasheet
147Kb / 4P
   Compression plate distributes evenly
More results

유사한 설명 - SS-BGA600D-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com