전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-BGA196C-01 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 SS-BGA196C-01
상세설명  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA196C-01 데이터시트(HTML) 1 Page - Ironwood Electronics.

  SS-BGA196C-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA196C-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA196C-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA196C-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
43.32mm
[1.706"]
+ IC thickness
Top View
Side View
(Section AA)
39.23mm
[1.544"]
32.60mm [1.283"]
A
A
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: J. Glab
Scale: 1.25:1
Rev: A
Date: 03/23/07
Modified:
File: SS-BGA196C-01 Dwg
SS-BGA196C-01 Drawing
.
1
2
6
5
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ultem 1000.
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw,
alloy steel with black oxide finish, 0-80 Thread,
5/8" long.
Backing Plate: Black anodized Aluminum
Insulation Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS, 0-80 thread, 3/16" long.
4
8
9
10
7
Latch: Black anodized Aluminum.
10
11
11
Customer's PCB
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


유사한 부품 번호 - SS-BGA196C-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-BGA100K-01 IRONWOOD-SS-BGA100K-01 Datasheet
87Kb / 4P
   Compression plate distributes forces evenly
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
SS-BGA1156A-01 IRONWOOD-SS-BGA1156A-01 Datasheet
315Kb / 5P
   Compression plate distributes evenly
SS-BGA1156A-02 IRONWOOD-SS-BGA1156A-02 Datasheet
193Kb / 4P
   Minimum real estate required
SS-BGA1294A-01 IRONWOOD-SS-BGA1294A-01 Datasheet
808Kb / 7P
   Excellent signal integrity at high frequencies
More results

유사한 설명 - SS-BGA196C-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com