전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-0519074-0 데이터시트(PDF) 2 Page - TE Connectivity Ltd

부품명 3-0519074-0
상세설명  THIS DRAWING IS A CONTROLLED DOCUMENT.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-0519074-0 데이터시트(HTML) 2 Page - TE Connectivity Ltd

  3-0519074-0 Datasheet HTML 1Page - TE Connectivity Ltd 3-0519074-0 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POS
TE/PN
DESCRIPTION
QTY
S
W
REV
S=Spare Parts
W=Wear Parts
1
TUBE INSERTION SINGLE
EINSETZTUBE 1FACH
1
2-0659663-2
A
2
GUIDE PLATE, FRONT
FÜHRUNGSPLATTE, VORNE
1
0-0578889-8
A
3
GUIDE PLATE, REAR FÜHRUNGSPLATTE, HINTEN
1
0-0659665-1
B
4
BUSHING
4
0-0873090-1
A
5
SPRING
FEDER
1
0-0578890-7
A
6
PLUNGER, SPRING
DRUCKSTÜCK GN616
1
0-2030791-6
A
7
MUTTER
M4
DIN 934 -10 GAL NI
1
0-0519021-8
A
8
COUNTERSUNK SCREW
SENKSCHRAUBE
6
3-0519074-0
A
9
ZYLINDERSCHR. M2,5*3 DIN 84 -8.8 GAL NI
2
1-0519003-0
A
L. SANDHU
15OCT09
25JUL13
REMARKS:
CONTACT: 1601097
2-0529524-7-A
USED ON
PRINTED
DWN
CHK
APVD
WEIGHT
DIMENSION (mm)
MATERIAL
HT TR
D. HEYL
20OCT09
D. HEYL
20OCT09
-
SEE SHEET 1
-
-
P LTR REVISION RECORD
DATE
DWN APVD
-
A
SEE SHEET 1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS
CORPORATION. IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING
ORGANIZATION SHOULD BE CONTACTED FOR THE LATEST REVISION.
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH TYCO ELECTRONICS
CORPORATION KONTROLLIERT. ÄNDERUNGEN DIE DEM TECHNISCHEN
FORTSCHRITT DIENEN, SIND VORBEHALTEN. DEN JEWEILS LETZTGÜLTIGEN
ÄNDERUNGSSTAND ERFAHREN SIE AUF ANFRAGE
2/2
INSERTION TUBE ASSY
C-1-548040-8
SPARE AND WEAR PARTS LIST
A
TE Connectivity
NAME
SCALE
SIZE
A4
DRAWING NO
SHEET
REV
TOLERANCES
UNLESS
OTHERWISE
SPECIFIED
SEE SHEET 1
SEE SHEET 1
RESTRICTED TO
-


유사한 부품 번호 - 3-0519074-0

제조업체부품명데이터시트상세설명
logo
Altech corporation
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
   22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-R-11 ALTECH-3-001-R-11 Datasheet
176Kb / 1P
   22 mm Thermoplastic Enclosures White/Black Operator Capacity 2
logo
List of Unclassifed Man...
3-0057 ETC-3-0057 Datasheet
274Kb / 1P
   REVISED PER ECO 14834
REV. G
logo
C&K Components
3-0110000-0 CK-COMPONENTS-3-0110000-0 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
3-0110000-1 CK-COMPONENTS-3-0110000-1 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
More results

유사한 설명 - 3-0519074-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
C-5504930 TEC-C-5504930 Datasheet
208Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1513150 TEC-C-1513150 Datasheet
56Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2118711 TEC-C-2118711 Datasheet
389Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-1513797 TEC-C-1513797 Datasheet
101Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2108517-1 TEC-C-2108517-1 Datasheet
112Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2118016 TEC-C-2118016 Datasheet
99Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2118315 TEC-C-2118315 Datasheet
525Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2149448 TEC-C-2149448 Datasheet
630Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2170057 TEC-C-2170057 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2227667 TEC-C-2227667 Datasheet
1Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-2227727 TEC-C-2227727 Datasheet
1,009Kb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com