전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145508 데이터시트(PDF) 9 Page - Motorola, Inc

부품명 MC145508
상세설명  PCM CODEC FILTER MONO CIRCUIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145508 데이터시트(HTML) 9 Page - Motorola, Inc

Back Button MC145508 Datasheet HTML 5Page - Motorola, Inc MC145508 Datasheet HTML 6Page - Motorola, Inc MC145508 Datasheet HTML 7Page - Motorola, Inc MC145508 Datasheet HTML 8Page - Motorola, Inc MC145508 Datasheet HTML 9Page - Motorola, Inc MC145508 Datasheet HTML 10Page - Motorola, Inc MC145508 Datasheet HTML 11Page - Motorola, Inc MC145508 Datasheet HTML 12Page - Motorola, Inc MC145508 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MC145506
•MC145507•MC145508
MOTOROLA
9
To A–Law —
MSB is unchanged (sign)
Invert odd numbered bits
Ignore zero code suppression
PDI
Power Down Input
The power down input disables the bias circuitry and gates
off all clock inputs. This puts the VAG, Txl, RxO, RxO, and
TDD outputs into a high–impedance state. The power dissi-
pation is reduced to 0.1 mW when PDI is a low logic level. The
circuit operates normally with PDI = VDD or with a logic high
as defined by connection at VLS. TDD will not come out of
high impedance for two MSI cycles after PDI goes high.
DC
Data Clock Input
In the MC145508, TDC and RDC are internally connected
to DCLK.
ANALOG
VAG
Analog Ground Input/Output Pin
VAG is the analog ground power supply input/output. All
analog signals into and out of the device use this as their
ground reference. Each version of the MC145500 PCM
codec–filter family can provide its own analog ground supply
internally. The dc voltage of this internal supply is 6% positive
of the midway between VDD and VSS. This supply can sink
more than 8 mA but has a current source limited to 400
µA.
The output of this supply is internally connected to the analog
ground input of the part. The node where this supply and the
analog ground are connected is brought out to the VAG pin. In
symmetric dual supply systems (
±5, ±6, etc.), VAG may be
externally tied to the system analog ground supply. When
RxO or RxO drive low–impedance loads tied to VAG, a pull–
up resistor to VDD will be required to boost the source current
capability if VAG is not tied to the supply ground. All analog
signals for the part are referenced to VAG, including noise;
therefore, decoupling capacitors (0.1
µF) should be used
from VDD to VAG and VSS to VAG.
Vref
Positive Voltage Reference Input (MC145506 Only)
The Vref pin allows an external reference voltage to be
used for the A/D and D/A conversions. If Vref is tied to VSS,
the internal reference is selected. If Vref > VAG, then the ex-
ternal mode is selected and the voltage applied to Vref is
used for generating the internal converter reference voltage.
In either internal or external reference mode, the actual volt-
age used for conversion is multiplied by the ratio selected by
the RSI pin. The RSI pin circuitry is explained under its pin
description below. Both the internal and external references
are inverted within the PCM codec–filter for negative input
voltages such that only one reference is required.
External Mode — In the external reference mode (Vref >
VAG), a 2.5 V reference like the MC1403 may be connected
from Vref to VAG. A single external reference may be shared
by tying together a number of Vref pins and VAG pins from
different codec–filters. In special applications, the external
reference voltage may be between 0.5 and 5 V. However, the
reference voltage gain selection circuitry associated with RSI
must be considered to arrive at the desired codec–filter gain.
Internal Mode — In the internal reference mode (Vref =
VSS), an internal 2.5 V reference supplies the reference volt-
age for the RSI circuitry. The Vref pin is functionally con-
nected to VSS for the MC145507 and MC145508 pinouts.
RSI
Reference Select Input (MC145506 Only)
The RSI input allows the selection of three different over-
load or full–scale A/D and D/A converter reference voltages
independent of the internal or external reference mode. The
RSI pin is a digital input that senses three different logic
states: VSS, VAG, and VDD. For RSI = VAG, the reference
voltage is used directly for the converters. The internal refer-
ence is 2.5 V. For RSI = VSS, the reference voltage is multi-
plied by the ratio of 1.26, which results in an internal converter
reference of 3.15 V. For RSI = VDD, the reference voltage is
multiplied by 1.51, which results in an internal converter refer-
ence of 3.78 V. The device requires a minimum of 1.0 V of
headroom between the internal converter reference to VDD.
VSS has this same absolute valued minimum, also measured
from the VAG pin. The various modes of operation are sum-
marized in Table 2. The RSI pin is functionally connected to
VSS for the MC145507 and MC145508 pinouts.
RxO, RxO
Receive Analog Outputs
These two complimentary outputs are generated from the
output of the receive filter. They are equal in magnitude and
out of phase. The maximum signal output of each is equal to
the maximum peak–to–peak signal described with the refer-
ence. If a 3.15 V reference is used with RSI tied to VAG and a
3 dBm0 sine wave is decoded, the RxO output will be a 6.3 V
peak–to–peak signal. RxO will also have an inverted signal
output of 6.3 V peak–to–peak. External loads may be con-
nected from RxO to RxO for a 6 dB push–pull signal gain or
from either RxO or RxO to VAG. With a 3.15 V reference, each
output will drive 600
Ω to 9 dBm. With RSI tied to VDD, each
output will drive 900
Ω to 9 dBm.
RxG
Receive Output Gain Adjust (MC145506 Only)
The purpose of the RxG pin is to allow external gain adjust-
ment for the RxO pin. If RxG is left open, then the output sig-
nal at RxO will be inverted and output at RxO. Thus, the
push–pull gain to a load from RxO to RxO is two times the out-
put level at RxO. If external resistors are applied from RxO to
RxG (RI) and from RxG to RxO (RG), the gain of RxO can be
set differently from inverting unity. These resistors should be
in the range of 10 k
Ω. The RxO output level is unchanged by
the resistors and the RxO gain is approximately equal to
minus RG/RI. The actual gain is determined by taking into
account the internal resistors which will be in parallel to these
external resistors. The internal resistors have a large toler-
ance, but they match each other very closely. This matching
tends to minimize the effects of their tolerance on external
gain configurations. The circuit for RxG and RxO is shown in
the Block Diagram.
Txl
Transmit Analog Input
TxI is the input to the transmit filter. It is also the output of
the transmit gain amplifier. The TxI input has an internal gain
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC145508

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145501 MOTOROLA-MC145501 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145502 MOTOROLA-MC145502 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

유사한 설명 - MC145508

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com