전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NRVTS8120EMFS 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 NRVTS8120EMFS
부품 상세설명  Very Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS8120EMFS 데이터시트(HTML) 3 Page - ON Semiconductor

  NRVTS8120EMFS Datasheet HTML 1Page - ON Semiconductor NRVTS8120EMFS Datasheet HTML 2Page - ON Semiconductor NRVTS8120EMFS Datasheet HTML 3Page - ON Semiconductor NRVTS8120EMFS Datasheet HTML 4Page - ON Semiconductor NRVTS8120EMFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NRVTS8120EMFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.4
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
60
50
40
30
20
10
1.E−06
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
10
1000
70
90
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
10
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
Figure 6. Current Derating per Device
TC, CASE TEMPERATURE (°C)
140
135
155
150
125
120
0
6
12
130
145
Square Wave
DC
RqJC = 2.7°C/W
TJ = 25°C
1.2
1.6
TA = 175°C
110
100
120
1.E−07
1
4
10
2
8
16
14
TA = 150°C
TA = 175°C
160
175
100
1.8
TA = 85°C
1.4
1.0
0.8
0.6
0.4
0.2
0.1
1
10
100
TA = 125°C
TA = −55°C
TA = 25°C
1.2
1.6
TA = 175°C
TA = 150°C
TA = 85°C
TA = 85°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
60
50
40
30
20
10
1.E−06
70
90
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
TA = 150°C
TA = 125°C
TA = 25°C
110
100
120
TA = 175°C
TA = 85°C
100
165 170


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn