전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC-035-12-02 데이터시트(PDF) 1 Page - Laird Tech Smart Technology

부품명 DAC-035-12-02
상세설명  Reliable solid-state operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DAC-035-12-02 데이터시트(HTML) 1 Page - Laird Tech Smart Technology

  DAC-035-12-02 Datasheet HTML 1Page - Laird Tech Smart Technology DAC-035-12-02 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
DA Cascade Series, DAC-035-12-02
Thermoelectric Assembly
CASCADe SerieS DireCt-to-Air thermoeleCtriC ASSembly
The DA Cascade Series is an Air to Air thermoelectric assembly (TEA) that offers dependable,
compact performance by cooling objects via conduction. Heat is absorbed through a cold
plate and dissipated thru a high density heat exchanger equipped with an air ducted shroud
and brand name fan. The thermoelectric modules are custom designed multistage cascades
to achieve a high temperature differential, which allows this series to reach colder tempera-
tures than standard DA product offerings. Custom configurations and moisture protection
options are available, however, MOQ applies.
FeAtUreS
• Compactdesign
• Precisetemperaturecontrol
• Reliablesolid-stateoperation
• DCoperation
• RoHScompliant
Americas: +1.888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
AppliCAtionS
• Analyticalinstrumentation
• Medicaldiagnostics
• Photonicslasersystems
• Industrialinstrumentation
• Foodandbeveragecooling
Specifications
CoolingPowerQcmax(W)
31
RunningCurrent(A)
4.8
Startup Current (A)
5.5
Nominal Voltage (V)
12
Max Voltage (V)
14
PowerInput(W)
58
Operating Temperature (°C)
-10 to 54
Weight (kg)
1.2
MTBF(fans–hrs)
50,000
PerformanceTolerance
±10%
perFormAnCe CUrve


유사한 부품 번호 - DAC-035-12-02

제조업체부품명데이터시트상세설명
logo
Analog Devices
DAC-03 AD-DAC-03 Datasheet
1Mb / 5P
   10-BIT-PLUS-SIGN VOLTAGE-OUTPUT D/A CONVERTERS
REV. C
More results

유사한 설명 - DAC-035-12-02

제조업체부품명데이터시트상세설명
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
   Reliable solid state operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
   Reliable solid-state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
   Reliable Solid State Operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
   Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
   Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
   Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
   Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
   Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
   Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
   Reliable solid state operation
MS2 LSTD-MS2 Datasheet
549Kb / 2P
   Reliable solid state operation
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com