전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5414946-2 데이터시트(PDF) 7 Page - Tyco Electronics

부품명 5414946-2
상세설명  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5414946-2 데이터시트(HTML) 7 Page - Tyco Electronics

Back Button 5414946-2 Datasheet HTML 3Page - Tyco Electronics 5414946-2 Datasheet HTML 4Page - Tyco Electronics 5414946-2 Datasheet HTML 5Page - Tyco Electronics 5414946-2 Datasheet HTML 6Page - Tyco Electronics 5414946-2 Datasheet HTML 7Page - Tyco Electronics 5414946-2 Datasheet HTML 8Page - Tyco Electronics 5414946-2 Datasheet HTML 9Page - Tyco Electronics 5414946-2 Datasheet HTML 10Page - Tyco Electronics 5414946-2 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
182
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 50 Ohm (Continued)
5/4.88
[.197/.192]
Dia.
2.08/2.01
[.082/.079]
Maximum Panel Thickness 2.36 [.093]
Recommended Panel Cutout
Bulkhead PC Board Jack,
Solder Receptacle Kits
SMB Receptacle Jack
Center
Body
Kit
Type
Contact
Dielectric
Style
Part
Plating
Plating
No.
Front Mount
Gold
Nickel
TEFLON
MIL Type
228216-1*
Rear Mount
Gold
Nickel
TEFLON
MIL Type
228215-1*
*includes Jam Nut and Lockwasher
Center
Body
Type
Contact
Dielectric
Style
Part No.
Plating
Plating
Front Mount
Gold
Nickel
TEFLON
MIL Type
414895-1
Lockwasher and Jam Nut
Part No.
415001-2
Part No.
414969-2
Kit Includes Lockwasher
and Jam Nut
6.35
[.250]
3.71
[.146]
16.0
[.630]
Max.
Hex.
3.68
[.145]
6.99
[.275]
Dia.
0.97 ± 0.13
[.038 ± .001]
Dia.
Ref. Plane
Hex
10-32 UNEF-2A
4.45
[.175]
3.18
[.125]
2.92
[.115]
1.02
[.040]
3.45
[.136]
6.35
[.250]
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


유사한 부품 번호 - 5414946-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
5414907-1 TEC-5414907-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Festo Corporation.
541495 FESTO-541495 Datasheet
83Kb / 1P
   Shut off valve
3/27/22
541496 FESTO-541496 Datasheet
86Kb / 1P
   Shut off valve
3/29/22
541497 FESTO-541497 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
541498 FESTO-541498 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
More results

유사한 설명 - 5414946-2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com