전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5415006-1 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 5415006-1
상세설명  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5415006-1 데이터시트(HTML) 2 Page - Tyco Electronics

  5415006-1 Datasheet HTML 1Page - Tyco Electronics 5415006-1 Datasheet HTML 2Page - Tyco Electronics 5415006-1 Datasheet HTML 3Page - Tyco Electronics 5415006-1 Datasheet HTML 4Page - Tyco Electronics 5415006-1 Datasheet HTML 5Page - Tyco Electronics 5415006-1 Datasheet HTML 6Page - Tyco Electronics 5415006-1 Datasheet HTML 7Page - Tyco Electronics 5415006-1 Datasheet HTML 8Page - Tyco Electronics 5415006-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SMB Connector Specifications
Electrical Characteristics
Impedance — 50 ohms and 75 ohms, nominal
Frequency Range — 0 to 4.0 GHz
Voltage Rating (VRMS) —
Sea Level
70,000 Feet
50 ohm connectors for RG 178/U series cable
300
75
50 ohm connectors for RG 316/U series cable
400
100
75 ohm connectors for RG 179/U series cable
300
75
75 ohm connectors for RG 195/U series cable
500
125
Insulations Resistance — 1000 megohms min.
Contact Resistance — (milliohms max.)
After
Initial
Environment
Center contact
6.0
8.0
Outer contact
1.0
1.5
Braid to body
1.0
N/A
Contact Current Rating — 1.5 amps DC max.
Voltage Standing Wave Ratio (VSWR0 —
to 4.0 GHz or 80% of upper cutoff frequency of the cable, whichever is lower.
Mating Engagement
Cable
Straight
Right-Angle
RG 178/U Series
1.30 + .04F
1.45 + .06F
RG 316/U Series
1.25 + .04F
1.35 + .04F
F=GHz, does not apply to 75 ohm connectors.
RF High Potential Withstanding Voltage
Frequency — 5 MHZ
Leakage Current — N/A
50 ohm connectors for RG 178/U series cable
675 VRMS
50 ohm connectors for RG 316/U series cable
950 VRMS
75 ohm connectors for RG 179/U series cable
950 VRMS
75 ohm connectors for RG 195/U series cable
1225 VRMS
RF Leakage — –55 dB min. at 2-3 GHz
Insertion Loss — .30dB max. at 3 GHz
Mechanical Characteristics
Engagement Forces — 14 lbs. [62.3 N] maximum engagement initially.
After 500 matings, 14 lbs. [62.3 N] maximum engagement and 2 lbs. [8.8 N] minimum
disengagement for all of SMBs.
Cable Attachment —
Straight Connectors — Crimp, both center contact and braid
Right-Angle Connectors — Crimp on braid and bifurcated solder center contact
Durability — 500 cycles per MIL-C-39012
Contact Captivation — When captivated, the contacts will withstand 4.0 lbs.
minimum axial force.
Cable Retention — When properly assembled to the compatible braided coaxial
cable, the retention is equal to the breaking strength of the cable.
Marking — Per MIL-STD-130
Environmental Characteristics
Temperature Rating — –65°C to +165°C
Corrosion (salt spray) — MIL-STD-202, Method 101, test condition B, 5% salt
solution
Vibration High Frequency — MIL-STD-202, Method 204, test condition B
(15 G’s)
Shock — MIL-STD-202, Method 213, test condition B, 75 G’s at 6 milliseconds, 12
sine
Thermal Shock — MIL-STD-202, Method 107, test condition B, except high tem-
perature shall be +85°C. High temperature shall be +200°C for connectors using
200°C cables.
Moisture Resistance — MIL-STD-202, Method 106, when interface gasket is
used. No measurements of high humidity. Insulation resistance shall be 200
megohms minimum within five minutes after removal from humidity.
Durability Test — Conducted per MIL-C-39012 Reg. Para. 3.15, Method Para. 4.6.12
Materials
Body, Body Components and Male Contacts — Brass, half hard, per QQ-B-626,
Alloy 360, Zinc per QQ-Z-363
Female Contacts — Beryllium copper per QQ-C-530, heat treated per MIL-H-7199
Insulators — TFE fluorocarbon per ASTM D 1710, Type 1, Grade 1
Lockwashers — Phosphor bronze per QQ-B-750
Crimp Ferrule — Annealed copper alloy per WW-T-799
Gaskets — Silicone rubber per ZZ-R-765, Class 11B, Grade 65-75
Plating
Center Contacts — 0.00127 [.000050] min. Gold per MIL-G-452048 Type 1,
Grade C, Class 1, over 0.00254 [.000100] min. nickel per QQ-N-290
Other Metal Parts — Gold, Nickel or Solder plated to meet the Finish and
Corrosion requirements of MIL-C-39012
177
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors


유사한 부품 번호 - 5415006-1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54150 NSC-54150 Datasheet
182Kb / 10P
   Data Selectors/Multiplexers
logo
List of Unclassifed Man...
54150 ETC2-54150 Datasheet
235Kb / 1P
   Connectors for Copper Conductor
logo
Molex Electronics Ltd.
54150-0878 MOLEX-54150-0878 Datasheet
40Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Tyco Electronics
5415025-1 MACOM-5415025-1 Datasheet
87Kb / 1P
   JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
logo
TE Connectivity Ltd
5415025-1 TEC-5415025-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

유사한 설명 - 5415006-1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com