전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS1205A 데이터시트(PDF) 1 Page - Toppower Electronic Technology Limited

부품명 TPS1205A
상세설명  2W 6KVDC Isolated Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPS1205A 데이터시트(HTML) 1 Page - Toppower Electronic Technology Limited

  TPS1205A Datasheet HTML 1Page - Toppower Electronic Technology Limited TPS1205A Datasheet HTML 2Page - Toppower Electronic Technology Limited TPS1205A Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPS Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPS series are miniature, 6KVDC isolated 2W DC/DC-converters in a DIP package with dual
output. They offer the ideal solution in many space critical applications for board level power
distribution. The internal SMD construction makes it possible to offer a product with high
performance at low cost.The series offers smaller size, improved efficiency, lower output ripple noise.
2W 6KVDC Isolated Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPS0505
5
±5
±200/±20
73
TPS0509
5
±9
±110/±11
75
TPS0512
5
±12
±84/±8.4
77
TPS0515
5
±15
±68/±6.8
77
TPS0505A
5
5
400/40
75
TPS0509A
5
9
222/22.2
76
TPS0512A
5
12
167/16.7
78
TPS1205
12
±5
±200/±20
78
TPS1209
12
±9
±110/±11
80
TPS1212
12
±12
±84/±8.4
82
TPS1215
12
±15
±68/±6.8
82
TPS1205A
12
5
400/40
75
TPS1209A
12
9
222/22.2
78
TPS1215A
12
15
133/13.3
78
TPS1515
15
±15
±67/±6.7
77
TPS1515A
15
15
133/13.3
81
TPS2405
24
±5
±200/±20
77
TPS2409
24
±9
±111/±11.1
78
TPS2415
24
±15
±67/±6.7
80
TPS2405A
24
5
400/40
77
TPS2409A
24
9
222/22.2
78
TPS2412A
24
12
167/16.7
81
TPS2415A
24
15
133/13.3
80
Add suffix “P” for continuous short circuit protection, for example TPS0505P.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13.2
V
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
22
24
26.5
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= -40°C to 85°C
2
W
Voltage Set Point Accuracy
See tolerance envelope
10
%
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10% load to rated load)
5V output
9
16
%
Load Regulation(10% load to rated load)
9V output
7
16
%
Load Regulation(10% load to rated load)
12V output
7
16
%
Load Regulation(10% load to rated load)
15V output
7
16
%
FEATURES
RoHS compliant、CE certification
Dual outputs
Efficiency to 82%
Power density up to 0.44W/cm3
No heatsink required
Low profile package
UL 94V-0 package material
6KVDC isolation
Footprint 4.75cm2
Input voltage: 5V, 12V , 15V, 24V
Output voltage: ±5V, ±9V, ±12V, ±15V /5V, 9V,12V,15V
Operating temperature: -40ºC to 105ºC
TOPPOWER


유사한 부품 번호 - TPS1205A

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPS1205A TOPPOWER-TPS1205A Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205A TOPPOWER-TPS1205A Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

유사한 설명 - TPS1205A

제조업체부품명데이터시트상세설명
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
   6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com