전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744787221 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744787221
상세설명  WE-PD2SR Shielded Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744787221 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744787221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744787221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744787221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744787221 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744787221 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744787221 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2014-06-26
2014-03-26
2013-08-06
2013-04-09
DATE
SSt
SSt
SSt
SSt
BY
SSt
SSt
SvS
SvS
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD2SR Shielded Power Inductor
Order.- No.
744787221
SIZE
A4
Size: 7850
A Dimensions: [mm]
Reference on drawing
Marking
Description
221 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 250 mV
∆T = 40 K
|ΔL/L| < 15%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
220
0.67
0.58
743
876
3.5
Unit
µH
A
A
MHz
Tol.
±20%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744787221

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744787220 WURTH-744787220 Datasheet
868Kb / 6P
   WE-PD2SR Shielded Power Inductor
More results

유사한 설명 - 744787221

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744787101 WURTH-744787101 Datasheet
876Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787120 WURTH-744787120 Datasheet
871Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787820 WURTH-744787820 Datasheet
880Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787068 WURTH-744787068 Datasheet
876Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787027 WURTH-744787027 Datasheet
868Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787470 WURTH-744787470 Datasheet
879Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787181 WURTH-744787181 Datasheet
886Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787220 WURTH-744787220 Datasheet
868Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787680 WURTH-744787680 Datasheet
873Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787039 WURTH-744787039 Datasheet
881Kb / 6P
   WE-PD2SR Shielded Power Inductor
744787180 WURTH-744787180 Datasheet
879Kb / 6P
   WE-PD2SR Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com