전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-78B1.5-2.0 데이터시트(PDF) 2 Page - Recom International Power

부품명 R-78B1.5-2.0
상세설명  Efficiency Up To 96%, No Heatsinks Required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B1.5-2.0 데이터시트(HTML) 2 Page - Recom International Power

  R-78B1.5-2.0 Datasheet HTML 1Page - Recom International Power R-78B1.5-2.0 Datasheet HTML 2Page - Recom International Power R-78B1.5-2.0 Datasheet HTML 3Page - Recom International Power R-78B1.5-2.0 Datasheet HTML 4Page - Recom International Power R-78B1.5-2.0 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, autmatic recovery
Short Circuit Input Current
nom. Vin= 24VDC
<5Vout
≥5Vout
50mA typ.
75mA typ.
I-2
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified)
R-78B-2.0
Series
Efficiency vs. Load
R-78B3.3-2.0
R-78B3.3-2.0
R-78B5.0-2.0
R-78B5.0-2.0
Efficiency vs. Input Voltage
Output Current [A]
0
0
20
40
60
80
100
0.5
1.0
1.5
2.0
4.75Vin
6Vin
12Vin
15Vin
24Vin
32Vin
Input Voltage [VDC]
4.75
0
20
40
60
80
100
12.8
20.8
28.8 32.0
Output Current [A]
0
0
20
40
60
80
100
0.5
1.0
1.5
2.0
6.5Vin
12Vin
15Vin
24Vin
32Vin
Input Voltage [VDC]
6.5
0
20
40
60
80
100
13.0
19.5
26.0
32.0
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±2.0% typ.
Line Regulation
low line to high line, full load
±0.5% typ.
Load Regulation
0% to 100% load
±1.0% typ.


유사한 부품 번호 - R-78B1.5-2.0

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0L RECOM-R-78B1.5-1.0L Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results

유사한 설명 - R-78B1.5-2.0

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12H BB-BATTERY-BP33-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
BP35-12S BB-BATTERY-BP35-12S Datasheet
163Kb / 1P
   Maintenance free(no water topping-up required)
logo
List of Unclassifed Man...
HR6-12-T2 ETC2-HR6-12-T2 Datasheet
161Kb / 1P
   Maintenance free(no water topping-up required).
logo
B. B. Battery Co., Ltd.
BP35-12H BB-BATTERY-BP35-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com