전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM533-303NI 데이터시트(PDF) 1 Page - Wall Industries,Inc.

부품명 AM533-303NI
상세설명  Single Output Surface Mount Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM533-303NI 데이터시트(HTML) 1 Page - Wall Industries,Inc.

  AM533-303NI Datasheet HTML 1Page - Wall Industries,Inc. AM533-303NI Datasheet HTML 2Page - Wall Industries,Inc. AM533-303NI Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
AMI Series
Single Output
Surface Mount Package
1 Watt DC/DC Converter
Rev A
TESTING
FEATURES
● Single Output
● RoHS Compliant
● High Power Density
● Efficiency up to 80%
● 14-pin SMT Package
● 1000VDC I/O Isolation
● MTBF > 3.5 Million Hours
● Industry Standard Pin-out
● Unregulated Output Types
● No External Components Required
● 3.3, 5, 9, 12, and 15VDC Output Voltages
● Industrial Temperature Range (-40°C to +85°C)
DESCRIPTION
The AMI series from Wall Industries, Inc. is highly suitable for high speed pick and place machine operation. The operating
temperature range of –40°C to +85°C is ideal for designers needing industrial temperature operation. This series has 3.3, 5,
9, 12, and 15VDC single output voltages available. This series is RoHS compliant.
SPECIFICATIONS: AMI Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range...............3.3VDC nom input............2.97 – 3.63 VDC
5VDC nom input...................4.5 – 5.5 VDC
9VDC nom input...................8.1 – 9.9 VDC
12VDC nom input.............10.8 – 13.2 VDC
15VDC nom input.............13.5 – 16.5 VDC
Input Filter ...................................................................................capacitor
OUTPUT SPECIFICATIONS
Output Voltage ............................................................................see table
Voltage Accuracy (100% full load)............................................. ±5% max.
Output Current ............................................................................see table
Output Power .......................................................................................1W
Line Regulation (LL - HL) ........................................ 1.2% / 1% of Vin typ.
Load Regulation (10% to 100% FL)......... 3.3 VDC output........... 15% typ.
5 VDC output............ 15% max.
9VDC output............... 9% max.
12VDC output........... 7.5% max
15 VDC output............ 7% max.
Ripple/Noise (20MHz BW)................................................ 100mVp-p max.
Transient Response Time (50% load step change) ...................350µs typ.
PROTECTION SPECIFICATIONS
Short Circuit Protection ........................................... 1 sec max (short term)
GENERAL SPECIFICATIONS
Efficiency ...............................................................Up to 80% (see Note 1)
Switching Frequency (full load, nominal input)......................... 100KHz typ.
Isolation Voltage (Input to Output)............................................... 1000VDC
Isolation Resistance ...............................................
1000MΩ min (500VDC)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (ambient) .......................................-40°C to +85°C
Storage Temperature ........................................................-40°C to +100°C
Humidity (non-condensing) ......................................................... 95% max.
Cooling ..........................................................................free air convection
MTBF......................................3,500,000 hours (MIL-HDBK-217F @ 25°C)
PHYSICAL SPECIFICATIONS
Weight .................................................................................1.0g (0.035oz)
Case Material...................................................................................... DAP
Dimensions ............................................................. 0.5 x 0.3 x 0.25 inches
12.7 x 7.6 x 6.25 mm
Due to advances in technology, specifications subject to change without notice


유사한 부품 번호 - AM533-303NI

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
AM533-303NI WALL-AM533-303NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
More results

유사한 설명 - AM533-303NI

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
AMI WALL-AMI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com