전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5443YRM-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5443YRM-REEL7
상세설명  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5443YRM-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5443YRM-REEL7 Datasheet HTML 4Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 11Page - Analog Devices AD5443YRM-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
–8–
AD5426/AD5432/AD5443
VBIAS (V)
2.0
1.5
–1.0
–1.5
0
–0.5
1.0
0.5
–2.0
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
TA = 25 C
VREF = 0V
VDD = 3V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
TPC 10. Linearity vs. VBIAS
Voltage Applied to IOUT2
TA = 25 C
VREF = 2.5V
VDD = 3V AND 5V
GAIN ERROR
OFFSET ERROR
0.5
–0.2
–0.3
–0.4
0.1
0
0.3
0.4
0.2
–0.1
–0.5
VBIAS (V)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
TPC 13. Gain and Offset Errors
vs. VBIAS Voltage Applied to IOUT2
INPUT VOLTAGE (V)
0.7
0.6
0
0.5
0.4
0.3
5
4
3
2
1
0
0.2
0.1
VDD = 3V
VDD = 5V
TA = 25 C
TPC 16. Supply Current vs.
Logic Input Voltage,
SYNC
(SCLK, DATA = 0)
VBIAS (V)
4
–2
–3
–4
1
0
3
2
–1
–5
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
TA = 25 C
VREF = 2.5V
VDD = 3V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
TPC 11. Linearity vs. VBIAS
Voltage Applied to IOUT2
VBIAS (V)
3
0
1
2
–1
–2
–3
0.5
1.0
2.5
TA = 25 C
VREF = 0V
VDD = 5V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
1.5
2.0
TPC 14. Linearity vs. VBIAS
Voltage Applied to IOUT2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40 –20
0
20
40
60
80
100 120
TEMPERATURE ( C)
IOUT1 VDD 5V
IOUT1 VDD 3V
1.6
TPC 17. IOUT1 Leakage Current
vs. Temperature
VBIAS (V)
0.5
–0.2
–0.3
–0.4
0.1
0
0.3
0.4
0.2
–0.1
–0.5
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
OFFSET ERROR
GAIN ERROR
TA = 25 C
VREF = 0V
VDD = 3V AND 5V
TPC 12. Gain and Offset Errors vs.
VBIAS Voltage Applied to IOUT2
VBIAS (V)
4
–2
–1
0
1
2
3
–3
–4
–5
0.5
1.0
1.5
2.0
TA = 25 C
VREF = 2.5V
VDD = 5V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
TPC 15. Linearity vs. VBIAS
Voltage Applied to IOUT2
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–60
–20 0
20 40 60 80 100
140
TEMPERATURE ( C)
120
–40
TA = 25 C
VDD = 5V
VDD = 3V
ALL 0s
ALL 1s
ALL 0s
ALL 1s
TPC 18. Supply Current vs.
Temperature


유사한 부품 번호 - AD5443YRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5443YRM-REEL7 AD-AD5443YRM-REEL7 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

유사한 설명 - AD5443YRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com