전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7189KST 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV7189KST
상세설명  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7189KST 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV7189KST Datasheet HTML 7Page - Analog Devices ADV7189KST Datasheet HTML 8Page - Analog Devices ADV7189KST Datasheet HTML 9Page - Analog Devices ADV7189KST Datasheet HTML 10Page - Analog Devices ADV7189KST Datasheet HTML 11Page - Analog Devices ADV7189KST Datasheet HTML 12Page - Analog Devices ADV7189KST Datasheet HTML 13Page - Analog Devices ADV7189KST Datasheet HTML 14Page - Analog Devices ADV7189KST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
ADV7189
Rev. A | Page 11 of 104
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
VS
1
HS
2
DGND
3
DVDDIO
4
P15
5
P14
6
P13
7
P12
8
DGND
9
DVDD 10
NC 11
SFL 12
NC 13
DGND 14
DVDDIO 15
NC 16
P11 17
P10 18
P9 19
P8 20
AIN5
60
AIN11
59
AIN4
58
AIN10
57
AGND
56
CAP C2
55
CAP C1
54
AGND
53
CML
52
REFOUT
51
AVDD
50
CAP Y2
49
CAP Y1
48
AGND
47
AIN3
46
AIN9
45
AIN2
44
AIN8
43
AIN1
42
AIN7
41
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
ADV7189
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 80-Lead LQFP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
3, 9, 14, 31, 71
DGND
G
Digital Ground.
39, 40, 47, 53,
56
AGND
G
Analog Ground.
4, 15
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
10, 30, 72
DVDD
P
Digital Core Supply Voltage (1.8 V).
50
AVDD
P
Analog Supply Voltage (3.3 V).
38
PVDD
P
PLL Supply Voltage (1.8 V).
41–46, 57–62
AIN1–AIN12
I
Analog Video Input Channels.
11, 13, 16, 25,
63, 65, 69, 70,
77, 78
NC
No Connect Pins.
5–8, 17–24,
32–35, 73–76
P0–P19
O
Video Pixel Output Port.
2
HS
O
HS is a horizontal synchronization output signal.
1
VS
O
VS is a vertical synchronization output signal.
80
FIELD
O
FIELD is a field synchronization output signal.
67
SDA
I/O
I2C Port Serial Data Input/Output Pin.
68
SCLK
I
I2C Port Serial Clock Input (Max Clock Rate of 400 kHz).
66
ALSB
I
This pin selects the I2C address for the ADV7189. ALSB set to a Logic 0 sets the address for a
write as 0x40; for ALSB set to a logic high, the address selected is 0x42.
64
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required to reset
the ADV7189 circuitry.
27
LLC1
O
This is a line-locked output clock for the pixel data output by the ADV7189. Nominally 27 MHz,
but varies up or down according to video line length.
26
LLC2
O
This is a divide-by-2 version of the LLC1 output clock for the pixel data output by the ADV7189.
Nominally 13.5 MHz, but varies up or down according to video line length.


유사한 부품 번호 - ADV7189KST

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BBSTZ268H AD-ADV7189BBSTZ268H Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BBSTZ268H2 AD-ADV7189BBSTZ268H2 Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results

유사한 설명 - ADV7189KST

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com