전자부품 데이터시트 검색엔진 |
|
AD7477AAKSZ-REEL73 데이터시트(PDF) 10 Page - Analog Devices |
|
AD7477AAKSZ-REEL73 데이터시트(HTML) 10 Page - Analog Devices |
10 / 24 page REV. C –10– AD7476A/AD7477A/AD7478A PIN CONFIGURATIONS PIN FUNCTION DESCRIPTIONS Mnemonic Function CS Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7476A/AD7477A/AD7478A and also frames the serial data transfer. VDD Power Supply Input. The VDD range for the AD7476A/AD7477A/AD7478A is from 2.35 V to 5.25 V. GND Analog Ground. Ground reference point for all circuitry on the AD7476A/AD7477A/AD7478A. All analog input signals should be referred to this GND voltage. VIN Analog Input. Single-ended analog input channel. The input range is 0 V to VDD. SDATA Data Out. Logic output. The conversion result from the AD7476A/AD7477A/AD7478A is provided on this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the AD7476A consists of four leading zeros followed by the 12 bits of conversion data, which are provided MSB first. The data stream from the AD7477A consists of four leading zeros followed by the 10 bits of conversion data followed by two trailing zeros, provided MSB first. The data stream from the AD7478A consists of four leading zeros followed by the 8 bits of conversion data followed by four trailing zeros, which are provided MSB first. SCLK Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the clock source for the AD7476A/AD7477A/AD7478A’s conversion process. NC No Connect. 8-Lead MSOP 8 7 6 5 1 2 3 4 NC = NO CONNECT VDD SDATA CS VIN GND SCLK NC NC TOP VIEW (Not to Scale) AD7476A/ AD7477A/ AD7478A 6-Lead SC70 TOP VIEW (Not to Scale) 6 5 4 1 2 3 VDD GND VIN CS SDATA SCLK AD7476A/ AD7477A/ AD7478A |
유사한 부품 번호 - AD7477AAKSZ-REEL73 |
|
유사한 설명 - AD7477AAKSZ-REEL73 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |