전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV800B-120 데이터시트(PDF) 42 Page - Advanced Micro Devices

부품명 AM29LV800B-120
상세설명  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800B-120 데이터시트(HTML) 42 Page - Advanced Micro Devices

Back Button AM29LV800B-120 Datasheet HTML 38Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 39Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 40Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 41Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 42Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 43Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 44Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 45Page - Advanced Micro Devices AM29LV800B-120 Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42
Am29LV800T/Am29LV800B
PRELIMINARY
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. The typical program and erase times are considerably less than the maximum times since most words/bytes program or erase
significantly faster than the worst case word/byte. The device enters the failure mode (DQ5=“1”) only after the maximum times
given are exceeded. See the section on DQ5 for further information.
2. Except for erase and program endurance, the typical program and erase times assume the following conditions: 25
°C, 3.0 V
VCC, 100,000 cycles. Additionally, programming typicals assume checkerboard pattern.
3. Under worst case conditions of 90˚C, VCC = 2.7 V, 100,000 cycles.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle sequence for the program command. See Table 6
for further information on command definitions.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time.
PIN CAPACITANCE, 48-PIN TSOP
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Typ (Note 2)
Max (Note 3)
Unit
Comments
Sector Erase Time
1
15
s
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
19
s
Byte Programming Time
9
300
µs
Excludes system level
overhead (Note 5)
Word Programming Time
11
360
µs
Chip Programming Time
Byte Mode
9
27
s
Word Mode
5.8
17
s
Erase/Program Endurance
1,000,000
cycles
Minimum 100,000 cycles
guaranteed
Min
Max
Input Voltage with respect to VSS on all pins except I/O pins (Including A9 and OE)
–1.0 V
13.0 V
Input Voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
Current
–100 mA
+100 mA
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
10
pF


유사한 부품 번호 - AM29LV800B-120

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV800B-1 AMD-AM29LV800B-1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

유사한 설명 - AM29LV800B-120

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com