전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50DL128BG85I 데이터시트(PDF) 22 Page - Advanced Micro Devices

부품명 AM50DL128BG85I
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128BG85I 데이터시트(HTML) 22 Page - Advanced Micro Devices

Back Button AM50DL128BG85I Datasheet HTML 18Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 19Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 20Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 21Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 22Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 23Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 24Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 25Page - Advanced Micro Devices AM50DL128BG85I Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
January 8, 2003
Am50DL128BG
21
PR E L I M I N A R Y
Figure 2.
In-System Sector Protect/Unprotect Algorithms
Sector Protect:
Write 60h to sector
address with
A6 = 0, A1 = 1,
A0 = 0
Set up sector
address
Wait 150 µs
Verify Sector
Protect: Write 40h
to sector address
with A6 = 0,
A1 = 1, A0 = 0
Read from
sector address
with A6 = 0,
A1 = 1, A0 = 0
START
PLSCNT = 1
RESET# = VID
Wait 1
µs
First Write
Cycle = 60h?
Data = 01h?
Remove VID
from RESET#
Write reset
command
Sector Protect
complete
Yes
Yes
No
PLSCNT
= 25?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Unprotect Mode
No
Sector Unprotect:
Write 60h to sector
address with
A6 = 1, A1 = 1,
A0 = 0
Set up first sector
address
Wait 15 ms
Verify Sector
Unprotect: Write
40h to sector
address with
A6 = 1, A1 = 1,
A0 = 0
Read from
sector address
with A6 = 1,
A1 = 1, A0 = 0
START
PLSCNT = 1
RESET# = VID
Wait 1
µs
Data = 00h?
Last sector
verified?
Remove VID
from RESET#
Write reset
command
Sector Unprotect
complete
Yes
No
PLSCNT
= 1000?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Unprotect Mode
No
All sectors
protected?
Yes
Protect all sectors:
The indicated portion
of the sector protect
algorithm must be
performed for all
unprotected sectors
prior to issuing the
first sector
unprotect address
Set up
next sector
address
No
Yes
No
Yes
No
No
Yes
No
Sector Protect
Algorithm
Sector Unprotect
Algorithm
First Write
Cycle = 60h?
Protect another
sector?
Reset
PLSCNT = 1


유사한 부품 번호 - AM50DL128BG85I

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM50DL128BH AMD-AM50DL128BH Datasheet
959Kb / 68P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
logo
Advanced Micro Devices
AM50DL128BH56I AMD-AM50DL128BH56I Datasheet
959Kb / 68P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM50DL128BH56IS AMD-AM50DL128BH56IS Datasheet
959Kb / 68P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM50DL128BH56IS SPANSION-AM50DL128BH56IS Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results

유사한 설명 - AM50DL128BG85I

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com