전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744776047A 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744776047A
상세설명  POWER-CHOKE WE-PD2
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744776047A 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744776047A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
Typ XL
A
9,5 ± 0,3
mm
B
9,5 ± 0,3
mm
C
5,5 ± 0,3
mm
D
2,9 typ
mm
E
10,0 ref
mm
F
10,0 ref
mm
G
2,8 ref
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
Güte Q /
Q factor
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Eigenres.-Frequenz /
self-res.-fequency
33%
+20°C
Ferrit
SST
Update temperature
03-07-03
RT
Update
2002-01-20
RT
Update
02-04-10
MST
Neugestaltung
02-02-05
Name
Änderung / modification
Datum / date
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Lagertemperatur / storage temperature: -40°C ~ + 125°C
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
G Eigenschaften / general specifications:
F Werkstoffe & Zulassungen / material & approvals
Draht / wire:
2UEW ; 130°C
Betriebstemp. / operating temperature: -40°C ~ +105°C
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2002-04-10
max.
A
Datum / date
............................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
40,00
SRF
MHz
Basismaterial / base material:
Kunde / customer :
744776047A
SPEICHERDROSSEL WE-PD2
POWER-CHOKE WE-PD2
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
0,04
±20%
4,7
µH
Q
33
IDC
D Prüfgeräte / test equipment:
HP 4274 A für/for L und/and Q
HP 4274 A für/for RDC und IDC
4,00
............................................................................
..............................................................................
..............................................................................
Würth Elektronik
7,960 MHz
1 kHz / 0,25V
RDC
L
max.
C
A
marking dot is start winding
& inductance code
E
G F
SEITE 1 VON 1


유사한 부품 번호 - 744776047A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744776047 WURTH-744776047 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results

유사한 설명 - 744776047A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com