전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7478AAKSZ-REEL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7478AAKSZ-REEL
상세설명  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7478AAKSZ-REEL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7478AAKSZ-REEL Datasheet HTML 5Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 6Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 7Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 8Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 9Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 10Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 11Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 12Page - Analog Devices AD7478AAKSZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. C
AD7476A/AD7477A/AD7478A
–9–
ORDERING GUIDE
Temperature
Linearity
Package
Model
Range
Error (LSB)
1
Option
2
Branding
AD7476AAKS-500RL7
–40
°C to +85°C
±0.75 typ
KS-6
CEZ
AD7476AAKS-REEL
–40
°C to +85°C
±0.75 typ
KS-6
CEZ
AD7476AAKS-REEL7
–40
°C to +85°C
±0.75 typ
KS-6
CEZ
AD7476ABKS-500RL7
–40
°C to +85°C
±1.5 max
KS-6
CEY
AD7476ABKS-REEL
–40
°C to +85°C
±1.5 max
KS-6
CEY
AD7476ABKS-REEL7
–40
°C to +85°C
±1.5 max
KS-6
CEY
AD7476ABKSZ-REEL
3
–40
°C to +85°C
±1.5 max
KS-6
CEY
AD7476ABKSZ-REEL7
3
–40
°C to +85°C
±1.5 max
KS-6
CEY
AD7476ABRM
–40
°C to +85°C
±1.5 max
RM-8
CEY
AD7476ABRM-REEL
–40
°C to +85°C
±1.5 max
RM-8
CEY
AD7476ABRM-REEL7
–40
°C to +85°C
±1.5 max
RM-8
CEY
AD7476AYKS-500RL7
–40
°C to +125°C
±1.5 max
KS-6
CEW
AD7476AYKS-REEL7
–40
°C to +125°C
±1.5 max
KS-6
CEW
AD7476AYKSZ-500RL7
3
–40
°C to +125°C
±1.5 max
KS-6
CEW
AD7476AYKSZ-REEL7
3
–40
°C to +125°C
±1.5 max
KS-6
CEW
AD7476AYRM
–40
°C to +125°C
±1.5 max
RM-8
CEW
AD7476AYRM-REEL7
–40
°C to +125°C
±1.5 max
RM-8
CEW
EVAL-AD7476ACB
4
Evaluation Board
AD7477AAKS-500RL7
–40
°C to +85°C
±0.5 max
KS-6
CFZ
AD7477AAKS-REEL
–40
°C to +85°C
±0.5 max
KS-6
CFZ
AD7477AAKS-REEL7
–40
°C to +85°C
±0.5 max
KS-6
CFZ
AD7477AAKSZ-REEL
3
–40
°C to +85°C
±0.5 max
KS-6
CFZ
AD7477AAKSZ-REEL7
3
–40
°C to +85°C
±0.5 max
KS-6
CFZ
AD7477AARM
–40
°C to +85°C
±0.5 max
RM-8
CFZ
AD7477AARM-REEL
–40
°C to +85°C
±0.5 max
RM-8
CFZ
AD7477AARM-REEL7
–40
°C to +85°C
±0.5 max
RM-8
CFZ
EVAL-AD7477ACB
4
Evaluation Board
AD7478AAKS-500RL7
–40
°C to +85°C
±0.3 max
KS-6
CJZ
AD7478AAKS-REEL
–40
°C to +85°C
±0.3 max
KS-6
CJZ
AD7478AAKS-REEL7
–40
°C to +85°C
±0.3 max
KS-6
CJZ
AD7478AAKSZ-500RL7
3
–40
°C to +85°C
±0.3 max
KS-6
CJZ
AD7478AAKSZ-REEL
3
–40
°C to +85°C
±0.3 max
KS-6
CJZ
AD7478AAKSZ-REEL7
3
–40
°C to +85°C
±0.3 max
KS-6
CJZ
AD7478AARM
–40
°C to +85°C
±0.3 max
RM-8
CJZ
AD7478AARM-REEL
–40
°C to +85°C
±0.3 max
RM-8
CJZ
AD7478AARM-REEL7
–40
°C to +85°C
±0.3 max
RM-8
CJZ
EVAL-CONTROL BRD2
5
Evaluation Control
Board
NOTES
1Linearity error here refers to integral nonlinearity.
2KS = SC70; RM = MSOP.
3Z = Pb-free part.
4This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
5This board is a complete unit, allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. To order
a complete evaluation kit, you will need to order the particular ADC evaluation board, e.g., EVAL-AD7476ACB, the EVAL-CONTROLBRD2, and a
12 V ac transformer. See relevant evaluation board application note for more information.


유사한 부품 번호 - AD7478AAKSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7478AAKSZ-REEL AD-AD7478AAKSZ-REEL Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478AAKSZ-REEL7 AD-AD7478AAKSZ-REEL7 Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

유사한 설명 - AD7478AAKSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com