전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM24513PUFL 데이터시트(PDF) 1 Page - Laird Tech Smart Technology

부품명 SM24513PUFL
상세설명  Polarization diversity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSTD [Laird Tech Smart Technology]
홈페이지  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SM24513PUFL 데이터시트(HTML) 1 Page - Laird Tech Smart Technology

  SM24513PUFL Datasheet HTML 1Page - Laird Tech Smart Technology SM24513PUFL Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM24513PUFL
2.4-2.5 / 5.1-5.9 GHz Dual-Band
Linear Triangular MIMO Internal Antenna
FEATURES
• Low profile
• Polarization diversity
• Designed specifically to support
802.11n networks
• Various connector and board
configurations options available
• Performance optimized using
Laird Technologies’ proprietary
RF optimization tools
MARKETS
• Hospital
• Campus
• Research institute
• Transport terminals
• Public safety wireless systems
DUAL-BAND INTERNAL MIMO DIRECTIONAL ANTENNA
Laird's SM24513PUFL is a dual-band, directional internal panel antenna for use in 802.11n
MIMO applications. Each of the three MIMO antenna elements can be connected internally
to a radio for use as a WLAN Access Point. The radiation patterns are uniform and
symmetrical, providing high-level signal density into defined coverage zones. This antenna
will greatly enhance the performance of 802.11n systems. The dual-band frequency coverage
means that a single type of antenna can be deployed with any MIMO radio in the 2.4-2.5 GHz
and 5.1-5.9 GHz bands.
3 X 3 Element Dual-Band Panel Antenna
SPECIFICATIONS
Part Number:
SM24513PUFL
Frequency:
2.4-2.5 GHz, 5.15-5.875 GHz
Gain:
2 dBi @ 2.4 GHz, 4 dBi @ 5.15 GHz
Polarization:
Linear, triangular MIMO configuration
3 dB Beamwidth-Azimuth:
Omnidirectional
3 dB Beamwidth-Elevation:
120° Typical
Nominal Impedance:
Ω50
VSWR:
2.0:1 (max)
Cable Length (mm):
120
RF Connector:
U.FL (3x)
Power Rating:
1W
Dimensions (mm):
5.12”x 4.7”x .275” (130 x 120 x .36)
Weight:
.065 kg
Operational Temperature:
0°C to +55°C
Mount Style:
Internal
RoHS:
Compliant
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


유사한 부품 번호 - SM24513PUFL

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM24 UMW-SM24 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM24 MCC-SM24 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM24 UMW-SM24 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM24 MICROSEMI-SM24 Datasheet
138Kb / 2P
   TVSarray Series
More results

유사한 설명 - SM24513PUFL

제조업체부품명데이터시트상세설명
logo
Lightel Technologies IN...
PDR-15-A-B-0 LIGHTEL-PDR-15-A-B-0 Datasheet
338Kb / 2P
   Polarization Diversity Receiver
logo
Finisar Corporation.
CPDV1200R FINISAR-CPDV1200R Datasheet
667Kb / 6P
   Coherent 64 Gbaud Polarization Diversity Cartesian Phase Detector
logo
NXP Semiconductors
TEA6101 PHILIPS-TEA6101 Datasheet
82Kb / 13P
   Antenna diversity circuit
May 1992
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com