전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-QFJ68SC-01 데이터시트(PDF) 4 Page - Ironwood Electronics.

부품명 SS-QFJ68SC-01
상세설명  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFJ68SC-01 데이터시트(HTML) 4 Page - Ironwood Electronics.

  SS-QFJ68SC-01 Datasheet HTML 1Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 2Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 3Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 4Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE 4 of 5
4.00mm
2.50mm
2.50mm
40.225mm
40.225mm
17.613mm±0.025mm (x8)
10.00mm Sqr.
18.00mm (x4)
1.27mm (x4)
1.59mm
Insulation Plate
Backing Plate
Ø 1.61mm±0.05mm (x8)
5.00mm
6.03mm
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Side View
Top View
Description: Insulation Plate and Backing Plate
Status: Released
Drawing: E Smolentseva
Scale: 1.25:1
Rev: A
Date: 3/3/10
Modified:
File: SS-QFJ68SC-01 Dwg
SS-QFJ68SC-01 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


유사한 부품 번호 - SS-QFJ68SC-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-QFE100SE-02 IRONWOOD-SS-QFE100SE-02 Datasheet
413Kb / 5P
   Low and stable contact resistance for reliable production yield
SS-QFE128SD-01 IRONWOOD-SS-QFE128SD-01 Datasheet
72Kb / 4P
   Compression plate distributes forces evenly
SS-QFE128SD-02 IRONWOOD-SS-QFE128SD-02 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
SS-QFE144SH-01 IRONWOOD-SS-QFE144SH-01 Datasheet
80Kb / 4P
   Compression plate distributes forces evenly
SS-QFE176SC-01 IRONWOOD-SS-QFE176SC-01 Datasheet
83Kb / 4P
   Compression plate distributes forces evenly
More results

유사한 설명 - SS-QFJ68SC-01

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com