전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR15-1 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 BAR15-1
상세설명  Silicon PIN Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR15-1 데이터시트(HTML) 3 Page - Infineon Technologies AG

  BAR15-1 Datasheet HTML 1Page - Infineon Technologies AG BAR15-1 Datasheet HTML 2Page - Infineon Technologies AG BAR15-1 Datasheet HTML 3Page - Infineon Technologies AG BAR15-1 Datasheet HTML 4Page - Infineon Technologies AG BAR15-1 Datasheet HTML 5Page - Infineon Technologies AG BAR15-1 Datasheet HTML 6Page - Infineon Technologies AG BAR15-1 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-19
3
BAR1.../BAR61...
Diode capacitance CT = ƒ (VR)
f = Parameter
0
0.0
EHD07067
BAR 14-1...16-1
C T
R
V
0.5
pF
1.0
f = 1
= 100
f
MHz
MHz
10
20
30
40
V
50
Forward resistance rf = ƒ (IF)
f = 100MHz
10
EHD07066
BAR 14-1...16-1
r
f
F
Ι
-2
2
10
mA
0
10
10
4
10
1
10
2
10
3
-1
10
0
10
1
10
Forward current IF = ƒ (VF)
TA = 25°C
0.0
10
EHD07065
BAR 14-1...16-1
Ι
F
F
V
-2
-1
10
0
10
1
10
10
2
mA
-40 ˚C
T
A =
25
150
85
0.5
1.0
V
1.5
˚C
˚C
˚C
Forward current IF = ƒ (TS)
BAR14-1, BAR15-1, BAR16-1
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
mA
160


유사한 부품 번호 - BAR15-1

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAR15-1 SIEMENS-BAR15-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR15-1 INFINEON-BAR15-1 Datasheet
448Kb / 4P
   Silicon PIN Diode
Dec-20-2002
BAR15-1 INFINEON-BAR15-1 Datasheet
87Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR15-1 INFINEON-BAR15-1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results

유사한 설명 - BAR15-1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com