전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT68-08S 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BAT68-08S
상세설명  Silicon Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT68-08S 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BAT68-08S Datasheet HTML 1Page - Infineon Technologies AG BAT68-08S Datasheet HTML 2Page - Infineon Technologies AG BAT68-08S Datasheet HTML 3Page - Infineon Technologies AG BAT68-08S Datasheet HTML 4Page - Infineon Technologies AG BAT68-08S Datasheet HTML 5Page - Infineon Technologies AG BAT68-08S Datasheet HTML 6Page - Infineon Technologies AG BAT68-08S Datasheet HTML 7Page - Infineon Technologies AG BAT68-08S Datasheet HTML 8Page - Infineon Technologies AG BAT68-08S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2011-06-15
2
BAT68...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
8
V
Forward current
IF
130
mA
Total power dissipation
BAT68, TS ≤ 77°C
BAT68-04, BAT68-06, TS ≤ 61°C
BAT68-04W/-06W/-08S, TS ≤ 92°C
BAT68-07W, TS ≤ 89°C
Ptot
150
150
150
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT68
BAT68-04, BAT68-06
BAT68-04W-BAT68-06W, BAT68-08S
BAT68-07W
RthJS
≤ 490
≤ 590
≤ 390
≤ 410
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10 µA
V(BR)
8
-
-
V
Reverse current
VR = 1 V
VR = 1 V, TA = 60 °C
IR
-
-
-
-
0.1
1.2
µA
Forward voltage
IF = 1 mA
IF = 10 mA
VF
-
340
318
390
340
500
mV
1For calculation of RthJA please refer to Application Note Thermal Resistance


유사한 부품 번호 - BAT68-08S

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAT68-08S INFINEON-BAT68-08S Datasheet
487Kb / 8P
   Silicon Schottky Diodes
Feb-03-2003
BAT68-08S INFINEON-BAT68-08S Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT68-08S INFINEON-BAT68-08S Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results

유사한 설명 - BAT68-08S

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com