전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSDMTX-5V-EVM 데이터시트(PDF) 5 Page - Semtech Corporation

부품명 TSDMTX-5V-EVM
상세설명  Full-bridge FET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TSDMTX-5V-EVM 데이터시트(HTML) 5 Page - Semtech Corporation

  TSDMTX-5V-EVM Datasheet HTML 1Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 2Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 3Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 4Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 5Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 6Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 7Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 8Page - Semtech Corporation TSDMTX-5V-EVM Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS61001
Final Datasheet
Rev 1.2
March 19, 2015
www.semtech.com
5 of 10
Semtech
Proprietary & Confidential
Absolute Maximum Rating
Thermal Characteristics
Over operating free–air temperature range unless otherwise noted(1, 2)
Parameter
Value
Unit
VCCG, VCC
13.2
V
VB1, VB2
13.2 (relative to VS1, VS2)
V
SDATA, SCLK
3.6
V
LS1ON, LS2ON, HS1ON, HS2ON
3.6
V
COMPN, COMPP, COMPOUT
3.6
V
Electrostatic Discharge – Human Body Model
+/-2k
V
Electrostatic Discharge – Charge Device Model
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
°C
Notes:
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
Symbol
Parameter
Value
Units
ΘJA
Thermal Resistance Junction to Air (Note 1)
34.5
°C/W
ΘJC
Thermal Resistance Junction to Case (Note 1)
2.5
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ MAX
Maximum Junction Temperature
150
°C
TJ
Operating Junction Temperature Range
-40 to 125
°C
Note 1: Assumes 16LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
Recommended Operating Conditions
Symbol
Parameter
Min Typ
Max
Unit
VCCG / VCC
Input Operating Voltage
5
8
12.5
V
CVCCBYP
VCCG / VCC Bypass Capacitors
100
nF
10
uF
C3P3BYP
Internal 3.3V Bypass Capacitor
4.7
uF
CV5INTBYP
Internal 5V Bypass Capacitor
100
nF
CBST
Bootstrap Capacitor
47
nF


유사한 부품 번호 - TSDMTX-5V-EVM

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
   Wireless Charging Transmitter
More results

유사한 설명 - TSDMTX-5V-EVM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
   Radiation Hardened Full Bridge N-Channel FET Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com