전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CXV3 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BAT54CXV3
상세설명  Dual Series Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54CXV3 데이터시트(HTML) 3 Page - ON Semiconductor

  BAT54CXV3 Datasheet HTML 1Page - ON Semiconductor BAT54CXV3 Datasheet HTML 2Page - ON Semiconductor BAT54CXV3 Datasheet HTML 3Page - ON Semiconductor BAT54CXV3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT54CXV3
www.onsemi.com
3
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
0
VR, REVERSE VOLTAGE (VOLTS)
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
−40
°C
25
°C
TA = 150°C
0.6
−55
°C
150
°C
125
°C
100
1000
30
25
20
14
12
10
8
6
4
2
0
TA = 125°C
TA = 85°C
TA = 25°C


유사한 부품 번호 - BAT54CXV3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BAT54CXV3 ONSEMI-BAT54CXV3 Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
BAT54CXV3D ONSEMI-BAT54CXV3D Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
BAT54CXV3T1 ONSEMI-BAT54CXV3T1 Datasheet
47Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 1
BAT54CXV3T1G ONSEMI-BAT54CXV3T1G Datasheet
47Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 1
BAT54CXV3T1G ONSEMI-BAT54CXV3T1G Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
More results

유사한 설명 - BAT54CXV3

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com