전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FME0J223ZFL118 데이터시트(PDF) 7 Page - Kemet Corporation

부품명 FME0J223ZFL118
상세설명  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

FME0J223ZFL118 데이터시트(HTML) 7 Page - Kemet Corporation

Back Button FME0J223ZFL118 Datasheet HTML 3Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 4Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 5Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 6Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 7Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 8Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 9Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 10Page - Kemet Corporation FME0J223ZFL118 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Item
FMR Type
Test Conditions
(conforming to JIS C 5160-1)
CategoryTemperatureRange
−40°Cto+85°C
Maximum Operating Voltage
5.5 VDC, 3.5 VDC
Capacitance
RefertoTable1
Refer to “Measurement Conditions”
CapacitanceAllowance
+80%,−20%
Refer to “Measurement Conditions”
ESR
RefertoTable1
Measuredat1kHz,10mA;Seealso
“Measurement Conditions”
Current(30minutesvalue)
RefertoTable1
Refer to “Measurement Conditions”
Surge
Capacitance
Morethan90%ofinitialratings
Surge voltage:
Charge:
Discharge:
Numberofcycles:
Series resistance:
Discharge
resistance:
Temperature:
4.0V(3.5Vtype)
6.3V(5.5Vtype)
30 seconds
9 minutes 30 seconds
1,000
0.047F
300Ω
0.10F
150Ω
85±2°C
ESR
Nottoexceed120%ofinitialratings
Current(30minutesvalue)
Nottoexceed120%ofinitialratings
Appearance
Noobviousabnormality
Characteristics in
Different Temperature
Capacitance
Phase 2
50%higherthaninitialvalue
Conformsto4.17
Phase 1:
Phase 2:
Phase 3:
Phase 4:
Phase 5:
Phase 6:
+25±2°C
−25±2°C
−40±2°C
+25±2°C
+70±2°C
+25±2°C
ESR
400%orlessthaninitialvalue
Capacitance
Phase 3
30%orhigherthaninitialvalue
ESR
700%orlessthaninitialvalue
Capacitance
Phase 5
200%orlessthaninitialvalue
ESR
Satisfyinitialratings
Current(30minutesvalue)
1.5CV(mA)orbelow
Capacitance
Phase 6
Within±20%ofinitialvalue
ESR
Satisfyinitialratings
Current(30minutesvalue)
Satisfyinitialratings
LeadStrength(tensile)
No terminal damage
Conforms to 4.9
VibrationResistance
Capacitance
Satisfyinitialratings
Conforms to 4.13
Frequency:
Testing Time:
10 to 55 Hz
6 hours
ESR
Current(30minutesvalue)
Appearance
Noobviousabnormality
Solderability
Over3/4oftheterminalshouldbecoveredbythenew
solder
Conforms to 4.11
Solder temp:
Dipping time:
+245±5°C
5±0.5seconds
1.6mmfromthebottomshouldbedipped.
Solder Heat Resistance
Capacitance
Satisfyinitialratings
Conforms to 4.10
Solder temp:
Dipping time:
+260±10°C
10±1seconds
ESR
Current(30minutesvalue)
Appearance
Noobviousabnormality
1.6mmfromthebottomshouldbedipped.
TemperatureCycle
Capacitance
Satisfyinitialratings
Conforms to 4.12
Temperature
Condition:
Numberofcycles:
-40°C»Room
temperature»+85°ºC»
Room temperature
5cycles
ESR
Current(30minutesvalue)
Appearance
Noobviousabnormality
Specifications – FMR Type


유사한 부품 번호 - FME0J223ZFL118

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
FME0J223ZF-L116 KEMET-FME0J223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0J223ZF-L118 KEMET-FME0J223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0J223ZFTP16 KEMET-FME0J223ZFTP16 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0J223ZFTP18 KEMET-FME0J223ZFTP18 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

유사한 설명 - FME0J223ZFL118

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com