전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FE2X27-3-3NL 데이터시트(PDF) 1 Page - Pulse A Technitrol Company

부품명 FE2X27-3-3NL
상세설명  2 Phase Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

FE2X27-3-3NL 데이터시트(HTML) 1 Page - Pulse A Technitrol Company

  FE2X27-3-3NL Datasheet HTML 1Page - Pulse A Technitrol Company FE2X27-3-3NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P538.F (03/15)
1
pulseelectronics.com
Current Compensated Noise
Suppression Chokes
FE 2X Series - 2 Phase Common Mode Choke
Materials meet UL-94 V-0 requirements
Rated voltage: 250 Vac
Dielectric withstanding voltage: 1500 Vac
Schematics
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part Number
(Vertical)
Part Number
(Horizontal)
L
(mH ±30%)
Current
(A)
DCR
(mOhms Max)
SRF
(kHz Min)
FE2X03-3-2NL
FE2X03-3-3NL
3.3
1.50
215
760
FE2X03-4-2NL
FE2X03-4-3NL
3.3
2.50
90
400
FE2X03-6-2NL
-
3.3
4.00
80
600
-
FE2X03-8-3NL
3.3
8.00
33
700
FE2X07-3-2NL
FE2X07-3-3NL
6.8
1.20
39
400
FE2X07-5-2NL
-
6.8
2.00
170
400
FE2X10-3-2NL
FE2X10-3-3NL
10
0.70
740
300
FE2X10-4-2NL
-
10
1.20
410
350
FE2X10-6-2NL
-
10
1.80
240
300
FE2X15-3-2NL
-
15
0.50
960
300
FE2X18-6-2NL
-
18
1.40
650
200
FE2X27-3-2NL
FE2X27-3-3NL
27
0.40
1700
180
-
FE2X27-4-3NL
27
0.70
820
150
FE2X39-3-2NL
FE2X39-3-3NL
39
0.35
2600
200
FE2X39-4-2NL
FE2X39-4-3NL
39
0.50
1500
160
FE2X47-4-2NL
-
47
0.40
1700
150
Notes:
1. Part Numbering System:
FE2XLV-S-P, where LV is the inductance value, S is the size code, and P is package style (2 = vertical and 3 = horizontal)
2. Part numbers with NL suffix are RoHS 6/6 compliant.
3
4
5
6
17
28
Style 2 - Vertical Package
Style 3 - Horizontal Package


유사한 부품 번호 - FE2X27-3-3NL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
FE2X27-3-3NL PULSE-FE2X27-3-3NL Datasheet
516Kb / 2P
   Materials meet UL-94 V-0 requirements Rated voltage: 250 Vac
FE2X27-3-3NL PULSE-FE2X27-3-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results

유사한 설명 - FE2X27-3-3NL

제조업체부품명데이터시트상세설명
logo
MPS Industries, Inc.
P504H MPSIND-P504H Datasheet
449Kb / 1P
   2 PHASE COMMON MODE CHOKE
P504V MPSIND-P504V Datasheet
449Kb / 1P
   2 PHASE COMMON MODE CHOKE
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com