전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-BGA-9040 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 SM-BGA-9040
상세설명  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9040 데이터시트(HTML) 1 Page - Ironwood Electronics.

  SM-BGA-9040 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9040 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9040 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9040 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9040 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
40.60
4.86
28.23
18.50
M
M
3.00
1.60
6.00
10.50
10.50
49.225
SECTION M-M
Calibration screw
Nylon patch Lock screw
42.60
49.225
Features
• Wide temperature range (-55C to +150C).
• Current capability is 4A per pin at 14C temperature rise.
• Excellent signal integrity at high frequencies.
• Self inductance under 0.21nH
• Capacitance under 0.15pF
• Over 40GHz bandwidth @-1dB for edge pins
Silver Ball Matrix Socket
Recommended
torque is 5 in lb.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM-BGA602 clamshell 23x23mm 0.8mm 28x28 array
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 10-16-2013
Material: Material <not specified>
Finish: --
Weight: 136.39
SM-BGA-9040 Drawing
SCALE: 1:1
SHEET: 1 OF 5
ENG: V. Panavala
FILE: SM-BGA-9040 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SM-BGA-9040

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9041 IRONWOOD-SM-BGA-9041 Datasheet
416Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9042 IRONWOOD-SM-BGA-9042 Datasheet
670Kb / 6P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9043 IRONWOOD-SM-BGA-9043 Datasheet
412Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9044 IRONWOOD-SM-BGA-9044 Datasheet
499Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9045 IRONWOOD-SM-BGA-9045 Datasheet
322Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

유사한 설명 - SM-BGA-9040

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com